Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78020A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020A
Description  25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020A Datasheet(HTML) 2 Page - Texas Instruments

  PTN78020A Datasheet HTML 1Page - Texas Instruments PTN78020A Datasheet HTML 2Page - Texas Instruments PTN78020A Datasheet HTML 3Page - Texas Instruments PTN78020A Datasheet HTML 4Page - Texas Instruments PTN78020A Datasheet HTML 5Page - Texas Instruments PTN78020A Datasheet HTML 6Page - Texas Instruments PTN78020A Datasheet HTML 7Page - Texas Instruments PTN78020A Datasheet HTML 8Page - Texas Instruments PTN78020A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PACKAGE SPECIFICATIONS
PTN78020A
SLTS244A – APRIL 2005 – REVISED MAY 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PTN78020 (Basic Model)
Output Voltage
Part Number
Description
Package Designator
PTN78020AAH
Horizontal T/H (Pb-free)
EUK-7
–15 V to –3 V
PTN78020AAS(1)(2)
Horizontal SMD (standard)
EUL-7
PTN78020AAZ(1)(3)
Horizontal SMD (Pb-free)
EUL-7
(1)
Add a T suffix for tape and reel option on SMD packages.
(2)
Standard option specifies Sn/Pb solder ball material.
(3)
Lead (Pb) - free option specifies Sn/Ag solder ball material.
over operating free-air temperature range unless otherwise noted
all voltages with respect to GND
UNIT
TA
Operating free-air temperature
Over VI range
–40°C to 85°C
Horizontal SMD (suffix AS)
235°C
Surface temperature of module body or
Solder reflow temperature
pins
Horizontal SMD (suffix AZ)
260
°C
TS
Storage temperature
–40°C to 125°C
PO
Output power
|VO| ≥ 12 V
25 W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
MAX
UNIT
VI
Input voltage
9
32 – |VO|
V
TA
Operating free-air temperature
-40
85
°C
PTN78020x (Suffix AH, AS, & AZ)
Weight
7.3 grams
Flammability
Meets UL 94 V-O
Horizontal T/H (suffix AH)
250 Gs (1)
Per Mil-STD-883D, Method 2002.3, 1 ms, ½ sine,
Mechanical shock
mounted
Horizontal SMD (suffix AS and AZ)
125 Gs (1)
Horizontal T/H (suffix AH)
20 Gs (1)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
Horizontal SMD (suffix AS and AZ)
10 Gs (1)
(1)
Qualification limit.
2


Similar Part No. - PTN78020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020AAH TI-PTN78020AAH Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020AAS TI-PTN78020AAS Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020AAZ TI-PTN78020AAZ Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com