Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10439 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C10439
Description  Photodiode modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10439 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C10439_15 Datasheet HTML 1Page - Hamamatsu Corporation C10439_15 Datasheet HTML 2Page - Hamamatsu Corporation C10439_15 Datasheet HTML 3Page - Hamamatsu Corporation C10439_15 Datasheet HTML 4Page - Hamamatsu Corporation C10439_15 Datasheet HTML 5Page - Hamamatsu Corporation C10439_15 Datasheet HTML 6Page - Hamamatsu Corporation C10439_15 Datasheet HTML 7Page - Hamamatsu Corporation C10439_15 Datasheet HTML 8Page - Hamamatsu Corporation C10439_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Photodiode modules
C10439 series
3
Output voltage vs. incident light level
Output voltage vs. incident light level
Output voltage vs. incident light level
Spectral response
Spectral response
Spectral response
Incident light level (nW)
10-3
10-2
10-1
100
101
102
103
104
(Typ. Ta=25 °C, Vcc=±12 V,
λ=λp)
100
10
1
0.1
0.01
High range
Low range
Incident light level (nW)
100
102
101
103
104
105
106
107
(Typ. Ta=25 °C, Vcc=±12 V,
λ=λp)
100
10
1
0.1
0.01
High range
Low range
Incident light level (nW)
100
102
101
103
104
105
106
107
(Typ. Ta=25 °C, Vcc=±12 V,
λ=λp)
100
10
1
0.1
0.01
High range
Low range
Wavelength (nm)
200
600
400
800
1000
300
700
500
900
1100
(Typ. Ta=25 °C)
700
600
500
400
300
200
100
0
7
6
5
4
3
2
1
0
Wavelength (nm)
400
600
800
1000
1200
1400
1600
1800
(Typ. Ta=25 °C)
1.2
0
0.012
1.0
0.010
0.8
0.008
0.6
0.006
0.4
0.004
0.2
0.002
0.000
Wavelength (nm)
200
600
400
800
1000
300
700
500
900
1100
(Typ. Ta=25 °C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0.000
KACCB0172EA
KACCB0347EA
KACCB0344EA
KACCB0345EA
KACCB0348EA
KACCB0346EA
C10439-01/-02/-03
C10439-10/-11
C10439-07/-08/-09


Similar Part No. - C10439_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439-10 HAMAMATSU-C10439-10 Datasheet
522Kb / 9P
   Photodiode modules
C10439-11 HAMAMATSU-C10439-11 Datasheet
522Kb / 9P
   Photodiode modules
More results

Similar Description - C10439_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439-07 HAMAMATSU-C10439-07 Datasheet
522Kb / 9P
   Photodiode modules
logo
List of Unclassifed Man...
R-11-055 ETC2-R-11-055 Datasheet
330Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Source Photonics, Inc.
PDR-C3-ASSTAN SOURCE-PDR-C3-ASSTAN Datasheet
473Kb / 3P
   InGaAs PIN Photodiode Modules
R-11-300-P-SFC SOURCE-R-11-300-P-SFC Datasheet
464Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-075-R-SFC SOURCE-R-11-075-R-SFC Datasheet
336Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-055-P-SFC SOURCE-R-11-055-P-SFC Datasheet
565Kb / 3P
   55um InGaAs PIN Photodiode Modules-pigtailed
logo
Hamamatsu Corporation
C10475 HAMAMATSU-C10475 Datasheet
386Kb / 3P
   Signal processing unit for photodiode module Specifically designed for photodiode modules (C10439 series)
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com