Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH04000WAST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04000WAST
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04000WAST Datasheet(HTML) 3 Page - Texas Instruments

  PTH04000WAST Datasheet HTML 1Page - Texas Instruments PTH04000WAST Datasheet HTML 2Page - Texas Instruments PTH04000WAST Datasheet HTML 3Page - Texas Instruments PTH04000WAST Datasheet HTML 4Page - Texas Instruments PTH04000WAST Datasheet HTML 5Page - Texas Instruments PTH04000WAST Datasheet HTML 6Page - Texas Instruments PTH04000WAST Datasheet HTML 7Page - Texas Instruments PTH04000WAST Datasheet HTML 8Page - Texas Instruments PTH04000WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH04000W
SLTS247B – JUNE 2005 – REVISED OCTOBER 2007
at 25
°C free-air temperature, V
I = 5 V, VO = 3.3 V, IO = IO(Max), CI = 47 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
TA = 25°C, natural convection
0
3 (1)
A
VI
Input voltage range
Over IO range
3 (2)
5.5
V
VO(TOL)
Set-point voltage tolerance
TA = 25°C
±2 (3)
%VO
Temperature variation
–40
°C ≤ T
A ≤ 85°C
±0.5
%VO
Line regulation
Over VI range
±1
mV
Load regulation
Over IO range
±5
mV
Includes set-point, line, load,
Total output voltage variation
±3(3)
%VO
–40
°C ≤ T
A ≤ 85°C
VI ≥ 4.5 V
0.9
3.6
VO(ADJ)
Output voltage adjust range
V
VI < 4.5 V
0.9
VI – 1.1
(2)
TA = 25C, IO = 2 A
RSET = 475 Ω, VO = 3.3 V
(2)
92%
RSET = 2.32 kΩ, VO = 2.5 V
(2)
89%
η
Efficiency
RSET = 6.65 kΩ, VO = 1.8 V
86%
RSET = 11.5 kΩ, VO = 1.5 V
84%
RSET = 26.1 kΩ, VO = 1.2 V
82%
RSET = 84.5 kΩ, VO = 1 V
78%
Output voltage ripple
20 MHz bandwith
10
mVPP
Overcurrent threshold
Reset, followed by autorecovery
7
A
1 A/s load step from 50% to 100% IOmax,
CO = 47 µF
Transient response
Recovery time
70
µs
VO over/undershoot
100
mV
IIL track
Track Input Current (pin 2)
Pin to GND
–130
µA
dVtrack/dt
Track Slew Rate Capability
CO ≤ CO(max)
1
V/ms
VI = increasing
2.95
3
UVLO
Undervoltage lockout
V
VI = decreasing
2.7
2.8
Input high voltage (VIH)
VI – 0.5
Open (4)
V
Inhibit control (pin 4)
Input low voltage (VIL)
–0.2
0.6
Input low current (IIL)
10
µA
II (STBY)
Input standby current
Inhibit (pin 4) to GND, Track (pin 2) open
1
mA
FS
Switching frequency
Over VI and IO ranges
700
kHz
External input capacitance
Ceramic type (C1)
47 (5)
µF
Ceramic type (C2)
0 (6)
150
µF
External output capacitance (6)
Nonceramic type (C3)
47 (6)
560 (7)
Equivalent series resistance (nonceramic)
4 (8)
m
Per Telcordia SR-332, 50% stress,
MTBF
Calculated reliability
15
106 Hr
TA = 40C, ground benign
(1)
See SOA temperature derating curves to identify maximum output current at higher ambient temperatures.
(2)
The minimum input voltage is 3 V or (VO + 1.1) V, whichever is greater. A 5-V input bus is recommended for output voltages higher than
2 V.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/
°C or better temperature stability.
(4)
This control pin has an internal pullup to the input voltage VI. Do not tie the inhibit pin to VI or to another module's inhibit pin. If it is left
open circuit, the module operates when input power is applied. A small low-leakage (< 100 nA) MOSFET is recommended for control.
See the application section for further guidance.
(5)
An external 47-µF ceramic capacitor is required across the input (VI and GND) for proper operation. Locate the capacitor close to the
module.
(6)
An external output capacitor is not required for basic operation. Additional capacitance at the load improves the transient response.
(7)
This is the calculated maximum capacitance. The minimum ESR limitation often results in a lower value. See the capacitor application
information for further guidance.
(8)
This is the minimum ESR for all the electrolytic (nonceramic) capacitance. Use 7 m
Ω as the minimum when calculating the total
equivalent series resistance (ESR) using the max-ESR values specified by the capacitor manufacturer.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH04000W


Similar Part No. - PTH04000WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04000WAS TI-PTH04000WAS Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04000WAS1 TI-PTH04000WAS1 Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTH04000WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com