Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12597-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C12597-01
Description  HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12597-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C12597-01_15 Datasheet HTML 1Page - Hamamatsu Corporation C12597-01_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Figure 2: Practical PMT Output Limits
Figure 1: Linearity Characteristics
TACCB0130EA
HIGH VOLTAGE POWER SUPPLY
SOCKET ASSEMBLY
C12597-01
-10
1000
100
10
1
PMT OUTPUT CURRENT (
µA)
0
10
20
C12597-01
PMT SUPPLY VOLTAGE: -1000 V
330 k
Ω / STAGE
RESISTIVE DIVIDER
TACCB0129EA
-400
-600
-800
-1000
-1200
-1400
20
0
40
60
100
80
120
140
PMT SUPPLY VOLTAGE (V)
330 k
Ω / STAGE
RESISTIVE DIVIDER
C12597-01
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2014 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
C12597-01 is a high voltage power supply socket assembly for
28 mm (1-1/8 inch) diameter side-on photomultiplier tubes (PMT),
incorporating a regulated high voltage power supply and an active
voltage divider. It enables simple yet stable PMT operations with ex-
tended DC output linearity by only supplying +15 V and connecting
to a potentiometer or a 0 to +5 V for high voltage adjustments.
Parameter
Description / Value
Unit
Applicable PMT
Input Voltage
Input Current at Maximum High Voltage
Output Voltage Range
Linear DC Output of PMT A
Line Regulation Against
±1 V Input Change
Anode Ripple Noise (p-p) B
High Voltage Control
High Voltage Programming Response C
Temperature Coefficient of High Voltage Output
Operating Temperature
Storage Temperature
NOTE: Awithin 2 % linearity
BLoad resistance = 1 M
Ω, load capacitance = 22 pF (measurement frequency 100 MHz max.)
Cfor 0 % to 99 % high voltage change
28 mm (1-1/8 inch) diameter side-on types
+15
± 1
45
0 to -1250
100
50
±0.01
0.5
1
0 to +5 V or external 50 k
Ω potentiometer
80
±0.01
0 to +40
-15 to +60
V
mA
V
µA
%
mV
ms
%/
°C
°C
°C
at -1000 V
at -500 V
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
Typ.
GSuperior DC Output Linearity
GFast High Voltage Programming Response
GLow Power Consumption
GCompact
GLow Ripple/Noise


Similar Part No. - C12597-01_15

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12597 LEDIL-C12597 Datasheet
11Mb / 285P
   Lenina Reflector
More results

Similar Description - C12597-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6270 HAMAMATSU-C6270 Datasheet
15Kb / 2P
   HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
C9028-01 HAMAMATSU-C9028-01 Datasheet
49Kb / 2P
   HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY (DP-TYPE)
C9773 HAMAMATSU-C9773 Datasheet
40Kb / 2P
   HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY (DP-TYPE)
C6271 HAMAMATSU-C6271 Datasheet
24Kb / 2P
   HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH TRANSIMPEDANCE AMPLIFIER
C7950 HAMAMATSU-C7950 Datasheet
61Kb / 2P
   HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH WIDE BANDWIDTH AMPLIFIER
logo
Festo Corporation.
573855 FESTO-573855 Datasheet
94Kb / 2P
   Power supply socket
7/18/22
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C10940 HAMAMATSU-C10940_15 Datasheet
114Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com