Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53111 Datasheet(PDF) 3 Page - Micropac Industries

Part # 53111
Description  POWER MOSFET OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111 Datasheet(HTML) 3 Page - Micropac Industries

  53111 Datasheet HTML 1Page - Micropac Industries 53111 Datasheet HTML 2Page - Micropac Industries 53111 Datasheet HTML 3Page - Micropac Industries 53111 Datasheet HTML 4Page - Micropac Industries 53111 Datasheet HTML 5Page - Micropac Industries 53111 Datasheet HTML 6Page - Micropac Industries 53111 Datasheet HTML 7Page - Micropac Industries 53111 Datasheet HTML 8Page - Micropac Industries 53111 Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
5/22/02
Pg. 3 of 11
53111
Power MOSFET Optocoupler
ELECTRICAL SPECIFICATIONS
TA = -55°C to +125°C, unless otherwise specified.
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Notes
Output Withstand Voltage
VO(OFF)
90
110
V
VF = 0.6 V
IO = 10 µA
Output On-Resistance
(Connection A)
0.40
1.0
IF = 10 mA (for –01)
IF = 5 mA (for –02)
IO = 800 mA
(pulse duration
≤ 30 ms)
Output On-Resistance
(Connection B)
R(ON)
0.12
0.25
IF = 10 mA (for –01)
IF = 5 mA (for –02)
IO = 1.6 A
(pulse duration
≤ 30 ms)
3,
Figure
1
Output Leakage Current
IO (OFF)
10
-4
10
µA
VF = 0.6 V
VO = 90 V
Input Forward Voltage
VF
1.0
1.24
1.7
V
IF = 10 mA (for –01)
IF = 5 mA (for –02)
Input Reverse Breakdown
Voltage
VR
5.0
V
IR = 100 µA
Input-Output Insulation
II-O
1.0
µA
RH
≤ 45%, t = 5 s
VI-O = 1500 VDC
TA = 25°C
4, 5
Turn-On Time
tON
1.25
6.0
ms
IF = 10 mA (for –01)
IF = 5 mA (for –02)
VDD = 28 VDC
IO = 800 mA
Figure
6
Turn-Off time
tOFF
0.02
0.25
ms
IF = 10 mA (for –01)
IF = 5 mA (for –02)
VDD = 28 VDC
IO = 800 mA
Figure
6
Output Transient
Rejection
dVO/dt
1000
V/
µs
VPEAK = 50 V
CM = 1000 pF
CL = 15 pF
RM ≥ 1 MΩ
Figure
7
Input-Output Transient
Rejection
dVI-O/dt
500
V/
µs
VDD = 5 V
VI-O (PEAK) = 50 V
RL = 20 kΩ
CL = 15 pF
Figure
8
* All typical values are at TA = 25ºC, IF (ON) = 10 mA (for -01) or 5 mA (for –02), VF (OFF) = 0.6V unless otherwise
specified.


Similar Part No. - 53111

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111-1PA MICROPAC-53111-1PA Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53111-1PC MICROPAC-53111-1PC Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53111-1XA MICROPAC-53111-1XA Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53111-1XC MICROPAC-53111-1XC Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53111-1YA MICROPAC-53111-1YA Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
More results

Similar Description - 53111

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
   POWER MOSFET OPTOCOUPLER
53111 MICROPAC-53111_13 Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272 Datasheet
208Kb / 9P
   POWER MOSFET OPTOCOUPLER 90V - 2.0A
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
   POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
   RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
   Optocoupler, Power Phototriac
Rev. 1.4, 07-Dec-17
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com