Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T240F Datasheet(PDF) 29 Page - Texas Instruments

Part # PTH08T240F
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240F Datasheet(HTML) 29 Page - Texas Instruments

Back Button PTH08T240F_15 Datasheet HTML 25Page - Texas Instruments PTH08T240F_15 Datasheet HTML 26Page - Texas Instruments PTH08T240F_15 Datasheet HTML 27Page - Texas Instruments PTH08T240F_15 Datasheet HTML 28Page - Texas Instruments PTH08T240F_15 Datasheet HTML 29Page - Texas Instruments PTH08T240F_15 Datasheet HTML 30Page - Texas Instruments PTH08T240F_15 Datasheet HTML 31Page - Texas Instruments PTH08T240F_15 Datasheet HTML 32Page - Texas Instruments PTH08T240F_15 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
C
O1
V
O1
3.3 V
UDG-07133
+Sense
V
O
-Sense
R
SET1
1.62 kW
U1
PTH08T240W
SmartSync
V
I
AutoTrack
TurboTrans
C
I
1
+
R
TT1
C
I
2
GND
+
+
RESET
GND
5
6
4
SENSE
7
RESIN
2
REF
1
8
V
CC
CT
3
RESET
U3
TL7712A
C
REF
0.1 mF
C
T
2.2 mF
R
RESET
10 kW
C
O2
V
O2
1.8 V
+Sense
V
O
-Sense
U2
PTH08T240F
V
I
AutoTrack
TurboTrans
R
TT2
GND
+
V
I
12 V
V
OAdj
GND
R
SET2
4.75 kW
GND
V
OAdj
Inhibit/UVLO
Inhibit/UVLO
t − Time − 20ms/div
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
t − Time − 400 s/div
m
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
PTH08T240F
www.ti.com ............................................................................................................................................... SLTS277D – DECEMBER 2006 – REVISED MARCH 2009
Figure 31. Sequenced Power Up and Power Down Using Auto-Track
Figure 32. Simultaneous Power Up
Figure 33. Simultaneous Power Down
With Auto-Track Control
With Auto-Track Control
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PTH08T240F


Similar Part No. - PTH08T240F_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240FAD TI-PTH08T240FAD Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240FAS TI-PTH08T240FAS Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240FAST TI-PTH08T240FAST Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240FAZ TI-PTH08T240FAZ Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240FAZT TI-PTH08T240FAZT Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results

Similar Description - PTH08T240F_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_08 Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240F TI-PTH04T240F_10 Datasheet
3Mb / 35P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240F TI-PTH04T240F Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com