Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05T210W Datasheet(PDF) 11 Page - Texas Instruments

Part # PTH05T210W
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210W Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH05T210W_15 Datasheet HTML 7Page - Texas Instruments PTH05T210W_15 Datasheet HTML 8Page - Texas Instruments PTH05T210W_15 Datasheet HTML 9Page - Texas Instruments PTH05T210W_15 Datasheet HTML 10Page - Texas Instruments PTH05T210W_15 Datasheet HTML 11Page - Texas Instruments PTH05T210W_15 Datasheet HTML 12Page - Texas Instruments PTH05T210W_15 Datasheet HTML 13Page - Texas Instruments PTH05T210W_15 Datasheet HTML 14Page - Texas Instruments PTH05T210W_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Ceramic Capacitors
Tantalum, Polymer-Tantalum Capacitors
Capacitor Table
Designing for Fast Load Transients
PTH05T210W
www.ti.com ...................................................................................................................................................... SLTS263I – AUGUST 2007 – REVISED MARCH 2009
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output their combined ESR is not critical as long as the total value of ceramic capacitors, with
values between 10 µF and 100 µF, does not exceed 5000 µF (non-TurboTrans). In TurboTrans applications,
when ceramic capacitors are used on the output bus, total capacitance including bulk and ceramic types is not to
exceed 12,000
µF.
Tantalum type capacitors are only used on the output bus, and are recommended for applications where the
ambient operating temperature is less than 0°C. The AVX TPS series and Kemet capacitor series are suggested
over many other tantalum types due to their higher rated surge, power dissipation, and ripple current capability.
As a caution, many general-purpose tantalum capacitors have higher ESR, reduced power dissipation, and lower
ripple current capability. These capacitors are also less reliable due to their reduced power dissipation and surge
current ratings. Tantalum capacitors that have no stated ESR or surge current rating are not recommended for
power applications.
Table 3 identifies the characteristics of capacitors from a number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to ensure both optimum regulator performance and long capacitor life.
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
2.5A/µs. The typical voltage deviation for this load transient is given in the Electrical Characteristics table using
the minimum required value of output capacitance. As the di/dt of a transient is increased, the response of a
converter’s regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent
limitation with any dc/dc converter once the speed of the transient exceeds its bandwidth capability.
If the target application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with
additional low ESR ceramic capacitor decoupling. Generally, with 50% load steps at > 100A/
µs, adding multiple
10
µF ceramic capacitors, 3225 case size, plus 10×1µF, including numerous high frequency ceramics (≤0.1µF)
are all that is required to soften the transient higher frequency edges. Special attention is essential with regards
to location, types, and position of higher frequency ceramic and lower ESR bulk capacitors. DSP, FPGA and
ASIC vendors identify types, location and capacitance required for optimum performance of the high frequency
devices. The details regarding the PCB layout and capacitor/component placement are important at these high
frequencies. Low impedance buses and unbroken PCB copper planes with components located as close to the
high frequency processor are essential for optimizing transient performance. In many instances additional
capacitors may be required to insure and minimize transient aberrations.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH05T210W


Similar Part No. - PTH05T210W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210WAD TI-PTH05T210WAD Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH05T210WAH TI-PTH05T210WAH Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH05T210WAS TI-PTH05T210WAS Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH05T210WAST TI-PTH05T210WAST Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH05T210WAZ TI-PTH05T210WAZ Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
More results

Similar Description - PTH05T210W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210W TI-PTH05T210W Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
logo
Astec America, Inc
ATH30T05 ASTEC-ATH30T05 Datasheet
409Kb / 16P
   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Texas Instruments
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05030W TI-PTH05030W_15 Datasheet
416Kb / 19P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com