Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56351HA Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV56351HA
Description  1ch DC/DC boost converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV56351HA Datasheet(HTML) 2 Page - ON Semiconductor

  LV56351HA Datasheet HTML 1Page - ON Semiconductor LV56351HA Datasheet HTML 2Page - ON Semiconductor LV56351HA Datasheet HTML 3Page - ON Semiconductor LV56351HA Datasheet HTML 4Page - ON Semiconductor LV56351HA Datasheet HTML 5Page - ON Semiconductor LV56351HA Datasheet HTML 6Page - ON Semiconductor LV56351HA Datasheet HTML 7Page - ON Semiconductor LV56351HA Datasheet HTML 8Page - ON Semiconductor LV56351HA Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV56351HA
No.A2145-2/9
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
8 to 23
V
LDOIN input voltage
VLDOIN
8 to 28
V
SW voltage
VSW
-0.3 to 28
V
EN voltage
VEN
0 to 23
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V, VEN=2V, LDOIN=16V, LDOOUT=15V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
All
Supply current1
ICC
Switching is turned off
1.8
3.5
mA
Supply current2
IOFF
EN = 0V
10
μA
Reference voltage
VREF
1.2348
1.26
1.2852
V
Enable voltage
VEN
2.0
V
Disable voltage
VDIS
0.4
V
EN input current
IEN
VEN = 2.0V
10
μA
PGOOD threshold
VPG
IN1 ≥ VREF
×85% and IN2 ≥ VREF×85%
VREF
×0.85
V
PGOOD sink current
IPG
VPGOOD = 0.5V
1.0
mA
PGOOD leak current
IPGLK
VPGOOD = 2V
10
μA
UVLO on voltage
VUVLO
7.0
V
Thermal shutdown temperature
TTSD
*2
130
°C
TSD hysteresis
THYS
*2
30
°C
DC/DC boost converter
FB output voltage ”Low”
FBLow
IN1 = 2.0V, IFB = -20μA (Sink)
0.2
V
FB output voltage “High”
FBHigh
IN1 = 0.2V, IFB = 20μA (Source)
1.8
V
Soft-start time
TSS
2.8
ms
Oscillator frequency
FOSC
425
kHz
Max on duty
DMAX
78
85
92
%
SW on resistance
RON
0.7
Ω
SW peak current
IPK
1.5
1.8
A
SCP source current
ISCP
4.8
μA
SCP threshold
VSCP
VREF
V
DDCTL on voltage
VDDCTLON
DC/DC Off
2.0
V
DDCTL off voltage
VDDCTLOFF
DC/DC On
0.4
V
DDCTL input current
IDDCTL
VDDCTL = 2V
20
μA
LDO
Maximum output current
IOMAX
350
520
670
mA
Line regulation
RLN
16V
< LDOIN < 21V
20
mV
Load regulation
RLD
10mA
< IO < 300mA
20
mV
Dropout voltage
VDROP
IO = 300mA
0.25
0.4
V
Short current
ISHORT
LDOOUT = GND
100
mA
*2: Design guarantee value.


Similar Part No. - LV56351HA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
More results

Similar Description - LV56351HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
logo
Rohm
BD9615MUV-LB ROHM-BD9615MUV-LB Datasheet
2Mb / 33P
   1ch Boost DC/DC Controller
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
   1ch DC/DC converter
THV3012 THINE-THV3012 Datasheet
205Kb / 12P
   1ch DC/DC converter
logo
Rohm
BU33DV7NUX ROHM-BU33DV7NUX Datasheet
979Kb / 27P
   1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
BU34DV7NUX ROHM-BU34DV7NUX Datasheet
990Kb / 27P
   1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
logo
ON Semiconductor
LV49157V ONSEMI-LV49157V Datasheet
656Kb / 30P
   1ch DC/DC boost converter with built-in Headphone Amplifier
June, 2013
logo
Rohm
BU33DV5G ROHM-BU33DV5G Datasheet
699Kb / 17P
   1.75V to 4.5V, 10mA 1ch Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com