Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75863W Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC75863W
Description  Duty LCD Display Driver with Key Input Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75863W Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC75863W Datasheet HTML 5Page - ON Semiconductor LC75863W Datasheet HTML 6Page - ON Semiconductor LC75863W Datasheet HTML 7Page - ON Semiconductor LC75863W Datasheet HTML 8Page - ON Semiconductor LC75863W Datasheet HTML 9Page - ON Semiconductor LC75863W Datasheet HTML 10Page - ON Semiconductor LC75863W Datasheet HTML 11Page - ON Semiconductor LC75863W Datasheet HTML 12Page - ON Semiconductor LC75863W Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LC75863W
No.7135-9/25
Control Data Functions
(1) S0, S1
     Sleep control data
These control data bits switch between normal mode and sleep mode and set the states of the KS1 to KS6 key scan
output during key scan standby.
Control data
Mode
OSC oscillator
Segment outputs
Common outputs
Output pin states during key scan standby
S0
S1
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Operating
Operating
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
Note: This assumes that the KS1/S24 and KS2/S25 output pins are selected for key scan output.
(2) K0, K1
     Key scan output/segment output selection data
These control data bits switch the functions of the KS1/S24 and KS2/S25 output pins between key scan output and
segment output.
Control data
Output pin state
Maximum number of
input keys
Note: KSn (n=1 or 2): Key scan output
Sn (n=24 or 25): Segment output
K0
K1
KS1/S24
KS2/S25
0
0
KS1
KS2
30
0
1
S24
KS2
25
1
X
S24
S25
20
X : don't care
(3) P0 to P2
     Segment output port/general-purpose output port selection data
These control data bits switch the functions of the S1/P1 to S4/P4 output pins between the segment output port and
the general-purpose output port.
Control data
Output pin state
P0
P1
P2
S1/P1
S2/P2
S3/P3
S4/P4
0
0
0
S1
S2
S3
S4
0
0
1
P1
S2
S3
S4
0
1
0
P1
P2
S3
S4
Note: Sn (n=1 to 4): Segment output port
Pn (n=1 to 4): General-purpose output port
0
1
1
P1
P2
P3
S4
1
0
0
P1
P2
P3
P4
The table below lists the correspondence between the display data and the output pins when these pins are selected
to be general-purpose output ports.
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D4
S3/P3
D7
S4/P4
D10
For example, if the S4/P4 output pin is selected to be a general-purpose output port, the S4/P4 output pin will output
a high level (VLCD) when the display data D10 is 1, and will output a low level (VSS) when D10 is 0.
(4) SC
     Segment on/off control data
This control data bit controls the on/off state of the segments.
SC
Display state
0
on
1
off
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting
segment off waveforms from the segment output pins.
(5) DR
     1/2 bias or 1/3 bias drive selection data
This control data bit switches between LCD 1/2 bias or 1/3 bias drive.
DR
Drive scheme
0
1/3 bias drive
1
1/2 bias drive


Similar Part No. - LC75863W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75863W SANYO-LC75863W Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
More results

Similar Description - LC75863W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com