Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX4N24 Datasheet(PDF) 4 Page - Micropac Industries

Part # JANTX4N24
Description  JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

JANTX4N24 Datasheet(HTML) 4 Page - Micropac Industries

  JANTX4N24 Datasheet HTML 1Page - Micropac Industries JANTX4N24 Datasheet HTML 2Page - Micropac Industries JANTX4N24 Datasheet HTML 3Page - Micropac Industries JANTX4N24 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 10
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
THESE CHARTS APPLY TO:
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, OPTOCOUPLERS
Page
4N22A, 4N23A, and 4N24A
JAN, JANTX, JANTXV, OPTOCOUPLERS
Page
4N22U, 4N23U, and 4N24U
JAN, JANTX, JANTXV, OPTOCOUPLERS
Page
4N22
COLLECTOR CURRENT
VS
COLLECTOR-EMITTER VOLTAGE
V
- COLLECTOR EMITTER VOLTAGE - V
0
5
10
15
25
20
CE
0
10
30
20
40
50
I = 10 mA
F
I = 20
mA
F
I = 30
mA
F
I = 40
mA
F
1g = 0
T =25°C
A
4N23
COLLECTOR CURRENT
VS
COLLECTOR-EMITTER VOLTAGE
V
- COLLECTOR EMITTER VOLTAGE - V
0
5
10
15
25
20
CE
0
10
30
20
40
50
I = 10 mA
F
I = 20
mA
F
I = 30
mA
F
I = 40
mA
F
1g = 0
T =25°C
A
4N24
COLLECTOR CURRENT
VS
COLLECTOR-EMITTER VOLTAGE
V
- COLLECTOR EMITTER VOLTAGE - V
0
5
10
15
25
20
CE
0
20
60
40
80
100
I = 10 mA
F
I = 20 mA
F
I = 30 mA
F
I = 40 mA
F
1g = 0
T =25°C
A


Similar Part No. - JANTX4N24

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
JANTX4N24 OPTEK-JANTX4N24 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
logo
Micropac Industries
JANTX4N24A MICROPAC-JANTX4N24A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
JANTX4N24A OPTEK-JANTX4N24A Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - JANTX4N24

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
66229 MICROPAC-66229 Datasheet
193Kb / 3P
   CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
logo
Microsemi Corporation
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com