Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS-31070-A-N0 Datasheet(PDF) 2 Page - Glenair, Inc.

Part No. ITS-31070-A-N0
Description  Rear Panel Mount Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo 

ITS-31070-A-N0 Datasheet(HTML) 2 Page - Glenair, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-97
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
ØA
K
L
L1
S
T
+0
Shell Size
-0.1
F T hre ad
V T hread
10 SL
18.2
2.4
5.2 0.6250 - 24UNEF
4.0
24.5 36.2
27
31.8 11.2 0.8750 - 20UNEF
14 S
24.5
2.4
7.5 0.7500 - 20UNEF
4.8
26.8 38.9
33
41.3 14.6 1.1250 - 18UNEF
16 S
27.2
2.4
7.5 0.8750 - 20UNEF
4.8
26.8 38.9
38
44.4 15.7 1.2500 - 18UNEF
16
27.2
2.4
7.5 0.8750 - 20UNEF
4.8
32.2 48.5
38
44.4 15.7 1.2500 - 18UNEF
18
30.7
2.4
9.0 1.0000 - 20UNEF
4.8
33.7 49.3
40
47.6 16.8 1.3750 - 18 UNEF
20
34.0
2.4
9.0 1.1250 - 18UNEF
4.8
33.7 49.3
44
50.8 18.0 1.5000 - 18UNEF
22
37.3
2.4
9.1 1.2500 - 18UNEF
4.8
33.7 49.3
46
54.2 20.2 1.6250 - 18UNEF
24
40.9
2.4
9.1 1.3750 - 18 UNEF 4.8
33.7 49.3
51
57.2 20.2 1.7500 - 18UNS
28
46.7
2.4
8.5 1.6250 - 18UNEF
5.6
35.2 51.9
55
63.5 22.5 2.0000 - 18UNS
32
53.4
2.4
6.5 1.8750 - 16UN
5.6
35.2 51.9
62
69.8 24.7 2.2500 - 16UN
36
59.6
2.4
8.3 2.0625 - 16UNS
5.6
35.2 51.9
71
76.2 26.9 2.5000 - 16UN
40
65.5
2.4
8.3 2.3125 - 16UNS
5.6
35.2 51.9
75
83.5 29.6 2.7500 - 16UN
R key +0.2
±0.25
ØB
Max.
±0.2 ±0.1
Min.
TABLE I: DIMENSIONS
ITS 31070 A (N0) and ITS 41070 A (N0)
Rear Panel Mount Jam Nut Receptacle
with Connector Accessory Mounting Threads
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for standard version (Silver plated)
FINISH OPTIONS
Sym Description and RoHS compliant (*)
F2
Bright Nickel Plating (*)
F6
Black Electrodeposited Paint (*)
F7
Black Zn-Co Plating (*)
F8
Olive Drab Zn-Co Plating
F11 Electroless Nickel (*)
Omit for standard version
(Cadmium Olive Drab Finish)
TABLE II: MODIFICATION CODES


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn