Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS-31070-A-N0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part No. ITS-31070-A-N0
Description  Rear Panel Mount Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo 

ITS-31070-A-N0 Datasheet(HTML) 1 Page - Glenair, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-96
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
ITS 31070 A (N0) and ITS 41070 A (N0)
Rear Panel Mount Jam Nut Receptacle
with Connector Accessory Mounting Threads
Application Notes:
1. Rear panel mount jam nut receptacle with rear threads for attachment of various backend connector
accessories. No backshell provided.
2. Connector Class “A” - General Duty.
Connector Class “R” - Sealed insulator.
3. Standard materials configuration consists of aluminum alloy. For platings, see TABLE II finish options.
4. Standard contact material consists of copper alloy with silver plating or gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts.
ITS 31 070 A 20-27 P Y N0 XXX
Mod Code Option (See Table II)
No Connector Accesory Provided
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Section A)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Section A)
Reverse Bayonet Coupling
Contact Type
31 - Solder
41 - Crimp
070 - Rear Wall Mount Jam Nut
Receptacle with Accessory
Threads
Connector Class
A - General Duty
R - Sealed Insulator
L
K
T
O-Ring
B
qS
T
R
L1
F Thread
Thread V
V Thread
S


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn