Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-3108-SP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-3108-SP
Description  Cylindrical Plug Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-3108-SP Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-3108-SP Datasheet HTML 1Page - Glenair, Inc. ITS-3108-SP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-148
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
Application Notes:
1. 90° plug assembly with EMI/RFI shield termination backshell and rotating coupling nut. Cable shield is
terminated with a “braid-trap” nut. Heat-shrink tubing may also be attached for additional environmental sealing.
2. Connector/Backshell Class “SP” (environmental)—Wire sealing grommet supplied.
3. Standard materials configuration consists of aluminum alloy. For platings, see TABLE II finish options.
4. Standard contact material consists of copper alloy with silver plating or gold plating.
5. A broad range of additional connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts
ITS 3108 (SP) and ITS G 3108 (SP)
ITS 4108 (SP) and ITS G 4108 (SP)
Cylindrical Plug Assembly with 90° Backshell
and EMI/RFI Shield Termination Backshell
ITS G 31 08 SP 20-27 P Y XXX
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Section A)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Section A)
Reverse Bayonet Coupling
Grounding Fingers
(Omit for Standard)
Contact Type
31 - Solder
41 - Crimp
08 - 90° Plug Assembly
Connector/Backshell Class
SP - Environmental; Supplied with
Grommet and EMI/RFI Backshell
L
C
Thread
ØE
ØD
ØB
ØQ
J
U


Similar Part No. - ITS-3108-SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3108-A GLENAIR-ITS-3108-A Datasheet
377Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-BR GLENAIR-ITS-3108-A-BR Datasheet
561Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-M GLENAIR-ITS-3108-A-M Datasheet
159Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-N5 GLENAIR-ITS-3108-A-N5 Datasheet
125Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-PG GLENAIR-ITS-3108-A-PG Datasheet
287Kb / 2P
   Cylindrical Plug Assembly
More results

Similar Description - ITS-3108-SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3108-A-PG GLENAIR-ITS-3108-A-PG Datasheet
287Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-PHM GLENAIR-ITS-3108-A-PHM Datasheet
226Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-F GLENAIR-ITS-3108-F Datasheet
195Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-BR GLENAIR-ITS-3108-A-BR Datasheet
561Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-M GLENAIR-ITS-3108-A-M Datasheet
159Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-ZLF GLENAIR-ITS-3108-A-ZLF Datasheet
281Kb / 2P
   Cylindrical Plug Assembly
ITS-31045-A GLENAIR-ITS-31045-A Datasheet
360Kb / 2P
   Cylindrical Plug Assembly
FRITSG4108RG GLENAIR-FRITSG4108RG Datasheet
413Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A GLENAIR-ITS-3108-A Datasheet
377Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-N5 GLENAIR-ITS-3108-A-N5 Datasheet
125Kb / 2P
   Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com