Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-3106-A-BR Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-3106-A-BR
Description  Straight Cylindrical Plug Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-3106-A-BR Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-3106-A-BR Datasheet HTML 1Page - Glenair, Inc. ITS-3106-A-BR Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-106
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for standard version (Silver plated)
FINISH OPTIONS
Sym Description and RoHS compliant (*)
F2
Bright Nickel Plating (*)
F6
Black Electrodeposited Paint (*)
F7
Black Zn-Co Plating (*)
F8
Olive Drab Zn-Co Plating
F11 Electroless Nickel (*)
Omit for standard version
(Cadmium Olive Drab Finish)
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for standard version (Silver plated)
FINISH OPTIONS
Sym Description and RoHS compliant (*)
F2
Bright Nickel Plating (*)
F6
Black Electrodeposited Paint (*)
F7
Black Zn-Co Plating (*)
F8
Olive Drab Zn-Co Plating
F11 Electroless Nickel (*)
Omit for standard version
(Cadmium Olive Drab Finish)
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
ITS 3100 A (PG) and ITS 4100 A (PG)
Front Panel Mount Square Flange Receptacle Assembly
with Backshell for Attachment of PG Cable Glands
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version
(Cad/Olive Drab Finish)
TABLE II: MODIFICATION CODES
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
ITS 3100 A (NO) and ITS 4100 A (NO)
Front Panel Mount Square Flange Receptacle
with Backend Connector Accessory Mounting Threads
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version
(Cad/Olive Drab Finish)
TABLE II: MODIFICATION CODES
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
ITS 3100 A (NO) and ITS 4100 A (NO)
Front Panel Mount Square Flange Receptacle
with Backend Connector Accessory Mounting Threads
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version
(Cad/Olive Drab Finish)
TABLE II: MODIFICATION CODES
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
F11
Electroless Nickel
Omit for Cadmium
Olive Drab Finish
Omit for version Silver plated
*
and ROHS Compliant (*)
*
*
*
(ZLF)
(ZLF)
Ø B
Application Notes:
1. Straight plug with rear-end backshell for termination of UNI4883 type rubber conduit. Through mounting holes.
2. Connector/Backshell Class “A” (non-environmental)—Not supplied with wire sealing grommet;
Class “R” (environmental)—Supplied with backshell and grommet.
3. Standard materials configuration consists of aluminum alloy. For platings, see TABLE II finish options.
4. Standard contact material consists of copper alloy with silver plating. Gold plating available.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts.
ITS 3106 A (BR) and ITS 4106 A (BR)
Straight Cylindrical Plug Assembly
with Backshell for Termination of UNI4883 Rubber Conduit
ITS G 31 06 A 20-27 P Y BR2722 XXX
Reverse Bayonet Coupling
Grounding Fingers
(Omit for Standard)
Contact Type
31 - Solder
41 - Crimp
06 - Straight Plug
Connector/Backshell Class
A - Non-Environmental; Supplied
with Backshell Only
R - Environmental; Supplied
with Backshell and Grommet
Mod Code Option (See Table II)
UNI4883 Backshell Adapter Shell Size
Designator (See Note 1)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Section A)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Section A)
L
ØQ


Similar Part No. - ITS-3106-A-BR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3106-A-M GLENAIR-ITS-3106-A-M Datasheet
153Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-N0 GLENAIR-ITS-3106-A-N0 Datasheet
116Kb / 2P
   Straight Cylindrical Plug Connector
ITS-3106-A-N5 GLENAIR-ITS-3106-A-N5 Datasheet
124Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PG GLENAIR-ITS-3106-A-PG Datasheet
154Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM GLENAIR-ITS-3106-A-PHM Datasheet
209Kb / 2P
   Straight Cylindrical Plug Assembly
More results

Similar Description - ITS-3106-A-BR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3106GFK GLENAIR-ITSG3106GFK Datasheet
662Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106F GLENAIR-ITSG3106F Datasheet
785Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-M GLENAIR-ITS-3106-A-M Datasheet
153Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PG GLENAIR-ITS-3106-A-PG Datasheet
154Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-F GLENAIR-ITS-3106-F Datasheet
172Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106AFK GLENAIR-ITSG3106AFK Datasheet
1Mb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106SPFK GLENAIR-ITSG3106SPFK Datasheet
308Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A GLENAIR-ITS-3106-A Datasheet
225Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM GLENAIR-ITS-3106-A-PHM Datasheet
209Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM-EMI67 GLENAIR-ITS-3106-A-PHM-EMI67 Datasheet
177Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-SP GLENAIR-ITS-3106-SP Datasheet
255Kb / 2P
   Straight Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com