Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42050-168 Datasheet(PDF) 1 Page - Micropac Industries

Part # 42050-168
Description  POSITIVE VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42050-168 Datasheet(HTML) 1 Page - Micropac Industries

  42050-168 Datasheet HTML 1Page - Micropac Industries 42050-168 Datasheet HTML 2Page - Micropac Industries 42050-168 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
42050
POSITIVE VOLTAGE REGULATORS
Commercial or Military
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Output Current To 10 Amps
Output Voltage To 34 V
Internal Short Circuit Protection
Custom Output Voltages available
Applications:
Designed for use in general purpose applications.
Military And Hi Rel Industrial Applications Where
Hermetically Sealed Product Is Required
DESCRIPTION
The 42050 series of regulators covers the output voltage range from 5 VDC through 34 VDC. These regulators are
fabricated using hybrid techniques. The devices are complete with internal short circuit protection, which includes voltage
shutdown and current fold back. The 42050 series regulators are complete and normally do not require any additional
components. However, if the regulator is far from the power source a .2 µf capacitor on the input is suggested.
ABSOLUTE MAXIMUM RATINGS
Output Current - IOUT.............................................................................................................................................................10 A
Power Dissipation @ 25°C Case Temperature - PD..........................................................................................................120 W
Input Voltage - VIN..................................................................................................................................................................40 V
Operating Temperature ................................................................................................................................... -55°C to +125°C
Storage Temperature ......................................................................................................................................–65°C to + 150°C
Mechanical Configuration
2
1
0.83
MAX
DIA.
1.550 MAX
0.450
MAX
0.135
MAX
0.470
0.440
1.197
1.177
0.440
0.420
0.161
0.151
0.225
0.205
0.675
0.655
SEATING
PLANE
0.039
0.043
DIA
DIA
PIN
FUNCTION
GROUND
1
V
2
OUT
CASE
IN
V


Similar Part No. - 42050-168

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4205000 TURCK-4205000 Datasheet
1Mb / 3P
   Inductive Sensor
11/07/2023
4205005 TURCK-4205005 Datasheet
206Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
4205010 TURCK-4205010 Datasheet
1Mb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
logo
Molex Electronics Ltd.
420502 MOLEX5-420502 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
420502 MOLEX11-420502 Datasheet
39Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, 2 Circuits
More results

Similar Description - 42050-168

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com