Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM70N04 Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SUM70N04
Description  N-Channel 40-V (D-S) 175 째C MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SUM70N04 Datasheet(HTML) 1 Page - Vishay Telefunken

  SUM70N04 Datasheet HTML 1Page - Vishay Telefunken SUM70N04 Datasheet HTML 2Page - Vishay Telefunken SUM70N04 Datasheet HTML 3Page - Vishay Telefunken SUM70N04 Datasheet HTML 4Page - Vishay Telefunken SUM70N04 Datasheet HTML 5Page - Vishay Telefunken SUM70N04 Datasheet HTML 6Page - Vishay Telefunken SUM70N04 Datasheet HTML 7Page - Vishay Telefunken SUM70N04 Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SUM70N04-07L
Document Number: 72345
S-80274-Rev. B, 11-Feb-08
www.vishay.com
1
N-Channel 40-V (D-S) 175 °C MOSFET
FEATURES
TrenchFET® Power MOSFET
175 °C Junction Temperature
Low Threshold
APPLICATIONS
Motor Control
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (Ω)ID (A)
40
0.0074 at VGS = 10 V
70a
0.011 at VGS = 4.5 V
67
TO-263
S
D
G
Top View
Ordering Information: SUM70N04-07L-E3 (Lead (Pb)-free)
D
G
S
N-Channel MOSFET
Notes:
a. Package limited.
b. Duty cycle
≤ 1 %.
c. See SOA curve for voltage derating.
d. When Mounted on 1" square PCB (FR-4 material).
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
70a
A
TC = 125 °C
47
Pulsed Drain Current
IDM
120
Avalanche Current
IAR
40
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
80
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
100c
W
TA = 25 °C
d
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mountd
RthJA
40
°C/W
Junction-to-Case
RthJC
1.4
Available
RoHS*
COMPLIANT


Similar Part No. - SUM70N04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
44Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 11-Aug-03
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SUM70N04-07L-E3 VISHAY-SUM70N04-07L-E3 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results

Similar Description - SUM70N04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJH440E VISHAY-SIJH440E_V01 Datasheet
253Kb / 10P
   N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJA38EP VISHAY-SQJA38EP Datasheet
287Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 14-Jan-2019
SQJQ150E VISHAY-SQJQ150E Datasheet
284Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQJA76EP VISHAY-SQJA76EP Datasheet
238Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQM40016EM VISHAY-SQM40016EM Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQS140ENW VISHAY-SQS140ENW Datasheet
175Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQJ444EP VISHAY-SQJ444EP Datasheet
281Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com