Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N04 Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SUD50N04
Description  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SUD50N04 Datasheet(HTML) 2 Page - Vishay Telefunken

  SUD50N04 Datasheet HTML 1Page - Vishay Telefunken SUD50N04 Datasheet HTML 2Page - Vishay Telefunken SUD50N04 Datasheet HTML 3Page - Vishay Telefunken SUD50N04 Datasheet HTML 4Page - Vishay Telefunken SUD50N04 Datasheet HTML 5Page - Vishay Telefunken SUD50N04 Datasheet HTML 6Page - Vishay Telefunken SUD50N04 Datasheet HTML 7Page - Vishay Telefunken SUD50N04 Datasheet HTML 8Page - Vishay Telefunken SUD50N04 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 68647
S10-0109-Rev. B, 18-Jan-10
Vishay Siliconix
SUD50N04-8m8P
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 1.0 mA
44
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5.9
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 70 °C
20
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0069
0.0088
Ω
VGS = 4.5 V, ID = 15 A
0.0084
0.0105
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
75
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
2400
pF
Output Capacitance
Coss
260
Reverse Transfer Capacitance
Crss
100
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 20 A
37
56
nC
VDS = 20 V, VGS = 4.5 V, ID = 20 A
16
24
Gate-Source Charge
Qgs
6.5
Gate-Drain Charge
Qgd
4.5
Gate Resistance
Rg
f = 1 MHz
2.5
5.5
8.5
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 1 Ω
ID ≅ 20 A, VGEN = 4.5 V, Rg = 1 Ω
30
45
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
45
70
Fall Time
tf
15
25
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 1 Ω
ID ≅ 20 A, VGEN = 10 V, Rg = 1 Ω
915
Rise Time
tr
510
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
510
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
40
A
Pulse Diode Forward Currenta
ISM
100
Body Diode Voltage
VSD
IS = 10 A
0.81
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 20 A, dI/dt = 100 A/µs, TJ = 25 °C
22
35
ns
Body Diode Reverse Recovery Charge
Qrr
14
25
nC
Reverse Recovery Fall Time
ta
11
ns
Reverse Recovery Rise Time
tb
11


Similar Part No. - SUD50N04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-05L VISHAY-SUD50N04-05L Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-05L-E3 VISHAY-SUD50N04-05L-E3 Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD50N04-06P VISHAY-SUD50N04-06P Datasheet
114Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
More results

Similar Description - SUD50N04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com