Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR882ADP Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SIR882ADP
Description  N-Channel 100 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR882ADP Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SIR882ADP Datasheet HTML 5Page - Vishay Telefunken SIR882ADP Datasheet HTML 6Page - Vishay Telefunken SIR882ADP Datasheet HTML 7Page - Vishay Telefunken SIR882ADP Datasheet HTML 8Page - Vishay Telefunken SIR882ADP Datasheet HTML 9Page - Vishay Telefunken SIR882ADP Datasheet HTML 10Page - Vishay Telefunken SIR882ADP Datasheet HTML 11Page - Vishay Telefunken SIR882ADP Datasheet HTML 12Page - Vishay Telefunken SIR882ADP Datasheet HTML 13Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PowerPAK® SO-8 Mounting and Thermal Considerations
Application Note AN821
www.vishay.com
Vishay Siliconix
Revision: 16-Mai-13
2
Document Number: 71622
For technical questions, contact: powermosfettechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK SO-8 DUAL
The pin arrangement (drain, source, gate pins) and the pin
dimensions of the PowerPAK SO-8 dual are the same as
standard SO-8 dual devices. Therefore, the PowerPAK
device connection pads match directly to those of the SO-8.
As in the single-channel package, the only exception is the
extended drain connection area. Manufacturers can likewise
take immediate advantage of the PowerPAK SO-8 dual
devices by mounting them to existing SO-8 dual land
patterns.
To take the advantage of the dual PowerPAK SO-8’s
thermal performance, the minimum recommended land
pattern
can
be
found
in
Application
Note
826,
Recommended
Minimum
Pad
Patterns
With
Outline
Drawing Access for Vishay Siliconix MOSFETs. Click on the
PowerPAK 1212-8 dual in the index of this document.
The gap between the two drain pads is 24 mils. This
matches the spacing of the two drain pads on the
PowerPAK SO-8 dual package.
REFLOW SOLDERING
Vishay Siliconix surface-mount packages meet solder reflow
reliability requirements. Devices are subjected to solder
reflow
as
a
test
preconditioning
and
are
then
reliability-tested using temperature cycle, bias humidity,
HAST, or pressure pot. The solder reflow temperature profile
used, and the temperatures and time duration, are shown in
figures 3 and 4.
For
the
lead
(Pb)-free
solder
profile,
see
www.vishay.com/doc?73257.
Fig. 3 Solder Reflow Temperature Profile
Fig. 4 Solder Reflow Temperatures and Time Durations
Ramp-Up Rate
+ 3 °C /s max.
Temperature at 150 - 200 °C
120 s max.
Temperature Above 217 °C
60 - 150 s
Maximum Temperature
255 + 5/- 0 °C
Time at Maximum
Temperature
30 s
Ramp-Down Rate
+ 6 °C/s max.
260 °C
3 °C(max)
6 °C/s (max.)
30 s
217 °C
150 s (max.)
Reflow Zone
60 s (min.)
Pre-Heating Zone
150 - 200 °C
Maximum peak temperature at 240 °C is allowed.


Similar Part No. - SIR882ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR882ADP VISHAY-SIR882ADP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-1
SIR882ADP VISHAY-SIR882ADP Datasheet
512Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SIR882ADP-T1-GE3 VISHAY-SIR882ADP-T1-GE3 Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-1
SIR882ADP-T1-GE3 VISHAY-SIR882ADP-T1-GE3 Datasheet
376Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIR882ADP VISHAY-SIR882ADP_12 Datasheet
512Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
More results

Similar Description - SIR882ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com