Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC8M16A2FC-7E Datasheet(PDF) 22 Page - Micron Technology

Part # MT48LC8M16A2FC-7E
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC8M16A2FC-7E Datasheet(HTML) 22 Page - Micron Technology

Back Button MT48LC8M16A2FC-7E Datasheet HTML 18Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 19Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 20Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 21Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 22Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 23Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 24Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 25Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 26Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
22
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
WRITEs
WRITE bursts are initiated with a WRITE command,
as shown in Figure 13.
The starting column and bank addresses are pro-
vided with the WRITE command, and auto precharge is
either enabled or disabled for that access. If auto
precharge is enabled, the row being accessed is
precharged at the completion of the burst. For the ge-
neric WRITE commands used in the following illustra-
tions, auto precharge is disabled.
During WRITE bursts, the first valid data-in element
will be registered coincident with the WRITE command.
Subsequent data elements will be registered on each
successive positive clock edge. Upon completion of a
fixed-length burst, assuming no other commands have
been initiated, the DQs will remain High-Z and any addi-
tional input data will be ignored (see Figure 14). A full-
page burst will continue until terminated. (At the end of
the page, it will wrap to column 0 and continue.)
Data for any WRITE burst may be truncated with a
subsequent WRITE command, and data for a fixed-length
WRITE burst may be immediately followed by data for a
WRITE command. The new WRITE command can be
issued on any clock following the previous WRITE com-
mand, and the data provided coincident with the new
Figure 15
WRITE to WRITE
command applies to the new command. An example is
shown in Figure 15. Data n + 1 is either the last of a burst
of two or the last desired of a longer burst. The 128Mb
SDRAM uses a pipelined architecture and therefore does
not require the 2n rule associated with a prefetch archi-
tecture. A WRITE command can be initiated on any clock
cycle following a previous WRITE command. Full-speed
random write accesses within a page can be performed to
the same bank, as shown in Figure 16, or each subsequent
WRITE may be performed to a different bank.
CLK
DQ
DIN
n
T2
T1
T3
T0
COMMAND
ADDRESS
NOP
NOP
WRITE
DIN
n + 1
NOP
BANK,
COL n
NOTE:
Burst length = 2. DQM is LOW.
Figure 14
WRITE Burst
DON’T CARE
CLK
DQ
T2
T1
T0
COMMAND
ADDRESS
NOP
WRITE
WRITE
BANK,
COL n
BANK,
COL b
DIN
n
DIN
n + 1
DIN
b
NOTE:
DQM is LOW. Each WRITE
command may be to any bank.
Figure 13
WRITE Command
CS#
WE#
CAS#
RAS#
CKE
CLK
COLUMN
ADDRESS
A10
HIGH
ENABLE AUTO PRECHARGE
DISABLE AUTO PRECHARGE
A0-A9, A11: x4
A0-A9: x8
A0-A8: x16
A11: x8
A9, A11: x16
BA0,1
BANK
ADDRESS


Similar Part No. - MT48LC8M16A2FC-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC8M16A2 MICRON-MT48LC8M16A2 Datasheet
115Kb / 4P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG MICRON-MT48LC8M16A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG MICRON-MT48LC8M16A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG-6A MICRON-MT48LC8M16A2TG-6A Datasheet
115Kb / 4P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC8M16A2FC-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com