Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC8M16A2FC-7E Datasheet(PDF) 20 Page - Micron Technology

Part # MT48LC8M16A2FC-7E
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC8M16A2FC-7E Datasheet(HTML) 20 Page - Micron Technology

Back Button MT48LC8M16A2FC-7E Datasheet HTML 16Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 17Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 18Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 19Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 20Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 21Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 22Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 23Page - Micron Technology MT48LC8M16A2FC-7E Datasheet HTML 24Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
20
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
Figure 11
READ to PRECHARGE
A fixed-length READ burst may be followed by, or
truncated with, a PRECHARGE command to the same
bank (provided that auto precharge was not activated),
and a full-page burst may be truncated with a
PRECHARGE command to the same bank. The
PRECHARGE command should be issued x cycles before
the clock edge at which the last desired data element is
valid, where x equals the CAS latency minus one. This is
shown in Figure 11 for each possible CAS latency; data
element n + 3 is either the last of a burst of four or the last
desired of a longer burst. Following the PRECHARGE
command, a subsequent command to the same bank
cannot be issued until tRP is met. Note that part of the row
precharge time is hidden during the access of the last
data element(s).
In the case of a fixed-length burst being executed to
completion, a PRECHARGE command issued at the opti-
mum time (as described above) provides the same op-
eration that would result from the same fixed-length
burst with auto precharge. The disadvantage of the
DON’T CARE
CLK
DQ
DOUT
n
T2
T1
T4
T3
T6
T5
T0
COMMAND
ADDRESS
READ
NOP
NOP
NOP
NOP
NOP
DOUT
n + 1
DOUT
n + 2
DOUT
n + 3
PRECHARGE
ACTIVE
t RP
T7
NOTE: DQM is LOW.
CLK
DQ
DOUT
n
T2
T1
T4
T3
T6
T5
T0
COMMAND
ADDRESS
READ
NOP
NOP
NOP
NOP
NOP
DOUT
n + 1
DOUT
n + 2
DOUT
n + 3
PRECHARGE
ACTIVE
t RP
T7
X = 1 cycle
CAS Latency = 2
CAS Latency = 3
X = 2 cycles
BANK a,
COL n
BANK a,
ROW
BANK
(a or all)
BANK a,
COL n
BANK a,
ROW
BANK
(a or all)


Similar Part No. - MT48LC8M16A2FC-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC8M16A2 MICRON-MT48LC8M16A2 Datasheet
115Kb / 4P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG MICRON-MT48LC8M16A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG MICRON-MT48LC8M16A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
MT48LC8M16A2TG-6A MICRON-MT48LC8M16A2TG-6A Datasheet
115Kb / 4P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC8M16A2FC-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com