Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42094-005 Datasheet(PDF) 1 Page - Micropac Industries

Part # 42094-005
Description  POSITIVE HIGH TEMPERATURE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42094-005 Datasheet(HTML) 1 Page - Micropac Industries

  42094-005 Datasheet HTML 1Page - Micropac Industries 42094-005 Datasheet HTML 2Page - Micropac Industries 42094-005 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/13/01
1
42094
POSITIVE HIGH TEMPERATURE REGULATOR
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Output current to 1.5 amps
Input voltage to 38V
Internal short circuit protection, foldback and
current limiting
Storage Temperature 225°C
200°C Operating Temperature
Output voltage to 30 VDC
Applications:
Logging while drilling
Measuring while drilling (down-hole applications)
Other harsh environments
Designed to use in high temperature
environments 200°C
DESCRIPTION
The 42094 series of regulators covers the voltage range from 5 VDC through 30 VDC. These regulators are fabricated using
hybrid techniques and will operate at temperatures up to 200°C case. These devices are complete with internal short circuit
protection which includes voltage shutdown and current foldback. The 42094 series regulators normally do not require any
additional components. However, for good design practice, an external filter cap should be installed at the input, as close to
the case as possible.
ABSOLUTE MAXIMUM RATINGS AT 200°C
Output Current (IOUT) .............................................................................................................................................................1.5A
Input Voltage (VIN) ......................................................................................................................................................... +38VDC
Operating Temperature (TC)............................................................................................................................................... 200°C
Storage Temperature ..........................................................................................................................................–65°C to 200°C
Power Dissipation (Pd)...........................................................................................................................................................25W
TABLE 1 (see note)
TYPE
VOUT VDC
MAX IOUT ATYP IKNEE A
42094-005
5
1.5
2.0
42094-012
12
1.5
2.0
42094-015
15
1.5
2.0
42094-018
18
1.5
2.0
42094-024
24
1.5
2.0
42094-030
30
1.5
2.0
NOTE: Under condition (VIN – VOUT) x lOUT 25 watts at 200°C case. Micropac can provide custom
output voltages between 5VDC and 30VDC.


Similar Part No. - 42094-005

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4209410 TURCK-4209410 Datasheet
332Kb / 3P
   Inductive Sensor
11/07/2023
4209420 TURCK-4209420 Datasheet
401Kb / 3P
   Inductive Sensor
11/07/2023
4209430 TURCK-4209430 Datasheet
371Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 42094-005

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HTPLREG HONEYWELL-HTPLREG Datasheet
317Kb / 2P
   HIGH TEMPERATURE POSITIVE LINEAR REGULATOR
logo
Micropac Industries
42118 MICROPAC-42118 Datasheet
234Kb / 3P
   POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
42118 MICROPAC-42118_05 Datasheet
109Kb / 3P
   POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
184Kb / 6P
   High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
logo
SeCoS Halbleitertechnol...
SE1147-50 SECOS-SE1147-50 Datasheet
538Kb / 3P
   Positive Regulator
logo
Anaren Microwave
MSK5500-15 ANAREN-MSK5500-15 Datasheet
491Kb / 5P
   ULTRA-HIGH TEMPERATURE REGULATOR
logo
Micropac Industries
42095 MICROPAC-42095 Datasheet
95Kb / 3P
   NEGATIVE HIGH TEMPERATURE REGULATOR
logo
Anaren Microwave
MSK5502 ANAREN-MSK5502 Datasheet
334Kb / 6P
   ULTRA-HIGH TEMPERATURE REGULATOR
logo
Micropac Industries
42095 MICROPAC-42095_06 Datasheet
37Kb / 3P
   NEGATIVE HIGH TEMPERATURE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com