Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT55L512L18P Datasheet(PDF) 26 Page - Micron Technology

Part No. MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT55L512L18P Datasheet(HTML) 26 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
NOP, STALL, AND DESELECT CYCLES
READ
Q(A3)
456
789
10
CLK
CE#
R/W#
CKE#
BWx#
ADV/LD#
ADDRESS
A3
A4
A5
D(A4)
DQ
COMMAND
A1
Q(A5)
WRITE
D(A4)
STALL
WRITE
D(A1)
123
READ
Q(A2)
STALL
NOP
READ
Q(A5)
DESELECT
CONTINUE
DESELECT
DON’T CARE
UNDEFINED
tKHQZ
tKHQX
A2
D(A1)
Q(A2)
Q(A3)
NOTE: 1. The IGNORE CLOCK EDGE or STALL cycle (clock 3) illustrates CKE# being used to create a “pause.” A WRITE is not
performed during this cycle.
2. For this waveform, ZZ and OE# are tied LOW.
3. CE# represents three signals. When CE# = 0, it represents CE# = 0, CE2# = 0, CE2 = 1.
4. Data coherency is provided for all possible operations. If a READ is initiated, the most current data is used. The most
recent data may be from the input data register.
NOP, STALL, AND DESELECT TIMING PARAMETERS
-6
-7.5
-10
SYM
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tKHQX
1.5
1.5
1.5
ns
tKHQZ
1.5
3.5
1.5
3.5
1.5
3.5
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT55L512L18P8Mb ZBT SRAM 1 2 3 4 5 MoreMicron Technology
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
IDT71V3548S256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
GS78108AB1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
GS78108B1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
GS78116AB512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
N08L083WC2C8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS78116B512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn