Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT55L512L18P Datasheet(PDF) 23 Page - Micron Technology

Part No. MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT55L512L18P Datasheet(HTML) 23 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
Q
50
V = 1.5V
Z = 50
O
T
Figure 1
Q
351
317
5pF
+3.3V
Figure 2
3.3V I/O AC TEST CONDITIONS
Input pulse levels ................................... VSS to 3.3V
Input rise and fall times ..................................... 1ns
Input timing reference levels .......................... 1.5V
Output reference levels ................................... 1.5V
Output load ............................. See Figures 1 and 2
LOAD DERATING CURVES
The Micron 512K x 18, 256K x 32, and 256K x 36 ZBT
SRAM timing is dependent upon the capacitive loading
on the outputs.
Consult the factory for copies of I/O current versus
voltage curves.
Q
50
V = 1.25V
Z = 50
O
T
Figure 3
Q
225
225
5pF
+2.5V
Figure 4
2.5V I/O AC TEST CONDITIONS
Input pulse levels ................................... VSS to 2.5V
Input rise and fall times ..................................... 1ns
Input timing reference levels ........................ 1.25V
Output reference levels ................................. 1.25V
Output load ............................. See Figures 3 and 4
3.3V I/O Output Load Equivalents
2.5V I/O Output Load Equivalents


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT55L512L18P8Mb ZBT SRAM 1 2 3 4 5 MoreMicron Technology
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
IDT71V3548S256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
GS78108AB1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
GS78108B1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
GS78116AB512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
N08L083WC2C8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS78116B512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn