Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT55L512L18P Datasheet(PDF) 22 Page - Micron Technology

Part No. MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT55L512L18P Datasheet(HTML) 22 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
NOTE: 1. This parameter is sampled.
2. OE# can be considered a “Don’t Care” during WRITEs; however, controlling OE# can help fine-tune a system for
turnaround timing.
3. Test conditions as specified with output loading as shown in Figure 1 for 3.3V I/O (VDDQ = +3.3V ±0.165V) and
Figure 3 for 2.5V I/O (VDDQ = +2.5V +0.4V/-0.125V).
4. A WRITE cycle is defined by R/W# LOW having been registered into the device at ADV/LD# LOW. A READ cycle is
defined by R/W# HIGH with ADV/LD# LOW. Both cases must meet setup and hold times.
5. Measured as HIGH above VIH and LOW below VIL.
6. Refer to Technical Note TN-55-01, “Designing with ZBT SRAMs,” for a more thorough discussion on these parameters.
7. This parameter is sampled.
8. This parameter is measured with output loading as shown in Figure 2 for 3.3V I/O and Figure 4 for 2.5V I/O.
9. Transition is measured ±200mV from steady state voltage.
10. This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK
when they are being registered into the device. All other synchronous inputs must meet the setup and hold times
with stable logic levels for all rising edges of clock (CLK) when the chip is enabled. Chip enable must be valid at each
rising edge of CLK when ADV/LD# is LOW to remain enabled.
11. Preliminary package data.
AC ELECTRICAL CHARACTERISTICS
(Notes 2, 3, 4) (0°C
≤ T
A ≤ +70°C; VDD = +3.3V ±0.165V unless otherwise noted)
-6
-7.5
-10
DESCRIPTION
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Clock
Clock cycle time
tKHKH
6.0
7.5
10
ns
Clock frequency
fKF
166
133
100
MHz
Clock HIGH time
tKHKL
1.7
2.0
3.2
ns
5
Clock LOW time
tKLKH
1.7
2.0
3.2
ns
5
Output Times
Clock to output valid
tKHQV
3.5
4.2
5.0
ns
Clock to output invalid
tKHQX
1.5
1.5
1.5
ns
6
Clock to output in Low-Z
tKHQX1
1.5
1.5
1.5
ns
6, 7, 8, 9
Clock to output in High-Z
tKHQZ
1.5
3.5
1.5
3.5
1.5
3.5
ns
6, 7, 8, 9
OE# to output valid
tGLQV
3.5
4.2
5.0
ns
2
OE# to output in Low-Z
tGLQX
0
0
0
ns
6, 7, 8, 9
OE# to output in High-Z
tGHQZ
3.5
4.2
5.0
ns
6, 7, 8, 9
Setup Times
Address
tAVKH
1.5
1.7
2.0
ns
10
Clock enable (CKE#)
tEVKH
1.5
1.7
2.0
ns
10
Control signals
tCVKH
1.5
1.7
2.0
ns
10
Data-in
tDVKH
1.5
1.7
2.0
ns
10
Hold Times
Address
tKHAX
0.5
0.5
0.5
ns
10
Clock enable (CKE#)
tKHEX
0.5
0.5
0.5
ns
10
Control signals
tKHCX
0.5
0.5
0.5
ns
10
Data-in
tKHDX
0.5
0.5
0.5
ns
10
FBGA THERMAL RESISTANCE
DESCRIPTION
CONDITIONS
SYMBOL
TYP
UNITS NOTES
Junction to Ambient
Test conditions follow standard test methods
θ
JA
40
°C/W
1, 11
(Airflow of 1m/s)
and procedures for measuring thermal
Junction to Case (Top)
impedance, per EIA/JESD51.
θ
JC
9
°C/W
1, 11
Junction to Pins (Bottom)
θ
JB
17
°C/W
1, 11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT55L512L18P8Mb ZBT SRAM 1 2 3 4 5 MoreMicron Technology
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
IDT71V3548S256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
GS78108AB1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
GS78108B1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
GS78116AB512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
N08L083WC2C8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS78116B512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn