Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT55L512L18P Datasheet(PDF) 21 Page - Micron Technology

Part No. MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 21 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 17Page - Micron Technology MT55L512L18P Datasheet HTML 18Page - Micron Technology MT55L512L18P Datasheet HTML 19Page - Micron Technology MT55L512L18P Datasheet HTML 20Page - Micron Technology MT55L512L18P Datasheet HTML 21Page - Micron Technology MT55L512L18P Datasheet HTML 22Page - Micron Technology MT55L512L18P Datasheet HTML 23Page - Micron Technology MT55L512L18P Datasheet HTML 24Page - Micron Technology MT55L512L18P Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
NOTE: 1. VDDQ = +3.3V ±0.165V for 3.3V I/O configuration; VDDQ = +2.5V +0.4V/-0.125V for 2.5V I/O
configuration.
2. IDD is specified with no output current and increases with faster cycle times. IDDQ increases with faster cycle times and
greater output loading.
3. “Device deselected” means device is in a deselected cycle as defined in the truth table. “Device selected” means device
is active (not in deselected mode).
4. Typical values are measured at +3.3V, +25°C and 10ns cycle time.
5. This parameter is sampled.
IDD OPERATING CONDITIONS AND MAXIMUM LIMITS
(Note 1) (0°C
≤ T
A ≤ +70°C; VDD = +3.3V ±0.165V unless otherwise noted)
DESCRIPTION
CONDITIONS
SYMBOL
TYP
-6
-7.5
-10
UNITS NOTES
Power Supply
Device selected; All inputs
≤ VIL
Current: Operating
or
≥ VIH; Cycle time ≥ tKC (MIN);
IDD
200
500
400
300
m A
2, 3, 4
VDD = MAX; Outputs open
Power Supply
Device selected; VDD = MAX;
Current: Idle
CKE#
≥ VIH;IDD1
10
25
25
20
m A
2, 3, 4
All inputs
≤ VSS + 0.2 or ≥ VDD - 0.2;
Cycle time
tKC (MIN)
CMOS Standby
Device deselected; VDD = MAX;
All inputs
≤ VSS + 0.2 or ≥ VDD - 0.2;
ISB2
0.5
10
10
10
m A
3, 4
All inputs static; CLK frequency = 0
TTL Standby
Device deselected; VDD = MAX;
All inputs
≤ VIL or ≥ VIH;ISB3
6
252525
m A
3, 4
All inputs static; CLK frequency = 0
Clock Running
Device deselected; VDD = MAX;
ADV/LD#
≥ VIH; All inputs ≤ VSS + 0.2
ISB4
45
120
75
60
m A
3, 4
or
≥ VDD - 0.2; Cycle time ≥ tKC (MIN)
Snooze Mode
ZZ
≥ VIH
ISB2Z
0.5
10
10
10
m A
4
MAX
TQFP THERMAL RESISTANCE
DESCRIPTION
CONDITIONS
SYMBOL
TYP
UNITS NOTES
Thermal Resistance
Test conditions follow standard test methods
θ
JA
40
°C/W
5
(Junction to Ambient)
and procedures for measuring thermal
Thermal Resistance
impedance, per EIA/JESD51.
θ
JC
8
°C/W
5
(Junction to Top of Case)
BGA THERMAL RESISTANCE
DESCRIPTION
CONDITIONS
SYMBOL
TYP
UNITS NOTES
Junction to Ambient
Test conditions follow standard test methods
θ
JA
40
°C/W
5
(Airflow of 1m/s)
and procedures for measuring thermal
Junction to Case (Top)
impedance, per EIA/JESD51.
θ
JC
9
°C/W
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT55L512L18P8Mb ZBT SRAM 1 2 3 4 5 MoreMicron Technology
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
IDT71V3548S256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
GS78108AB1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
GS78108B1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
GS78116AB512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
N08L083WC2C8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS78116B512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn