Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT55L512L18P Datasheet(PDF) 19 Page - Micron Technology

Part No. MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT55L512L18P Datasheet(HTML) 19 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD Supply
Relative to VSS ................................... -0.5V to +4.6V
Voltage on VDDQ Supply
Relative to VSS ....................................... -0.5V to VDD
VIN -0.5V to VDDQ + 0.5V
Storage Temperature (plastic) .......... -55°C to +150°C
Storage Temperature (FBGA) .......... -55°C to +125°C
Junction Temperature** .................................. +150°C
Short Circuit Output Current .......................... 100mA
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
**Junction temperature depends upon package
type, cycle time, loading, ambient temperature, and
airflow. See Micron Technical Note TN-05-14 for more
information.
3.3V I/O DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ T
A ≤ +70°C; VDD, VDDQ = +3.3V ±0.165V unless otherwise noted)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.0
VDD + 0.3
V
1, 2
Input High (Logic 1) Voltage
DQ pins
VIH
2.0
VDD + 0.3
V
1, 2
Input Low (Logic 0) Voltage
VIL
-0.3
0.8
V
1, 2
Input Leakage Current
0V
≤ VIN ≤ VDD
ILI
-1.0
1.0
µA
3
Output Leakage Current
Output(s) disabled,
ILO
-1.0
1.0
µA
0V
≤ VIN ≤ VDD
Output High Voltage
IOH = -4.0mA
VOH
2.4
V
1, 4
Output Low Voltage
IOL = 8.0mA
VOL
0.4
V
1, 4
Supply Voltage
VDD
3.135
3.465
V
1
Isolated Output Buffer Supply
VDDQ
3.135
VDD
V
1, 5
NOTE: 1. All voltages referenced to VSS (GND).
2. Overshoot:
VIH
≤ +4.6V for t ≤ tKHKH/2 for I ≤ 20mA
Undershoot:
VIL
≥ -0.7V for t ≤ tKHKH/2 for I ≤ 20mA
Power-up:
VIH
≤ +3.465V and VDD ≤ +3.135V for t ≤ 200ms
3. MODE pin has an internal pull-up, and input leakage = ±10µA.
4. The load used for VOH, VOL testing is shown in Figure 2. AC load current is higher than the shown DC values. AC I/O
curves are available upon request.
5. VDDQ should never exceed VDD. VDD and VDDQ can be externally wired together to the same power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT55L512L18P8Mb ZBT SRAM 1 2 3 4 5 MoreMicron Technology
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
IDT71V3548S256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
GS78108AB1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
GS78108B1M x 8 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
GS78116AB512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
N08L083WC2C8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS78116B512K x 16 8Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn