Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44522 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44522
Description  N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44522 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44522 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44522 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2012 Pasternack Enterprises All Rights Reserved
2
PE44522 REV
N Male Connector Crimp/Solder Attachment For PE-C400,
0.400 inch, PE-B400, PE-B405, LMR-400
PE44522
CAD Drawing


Similar Part No. - PE44522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
   TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
   N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
   N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44524 PASTERNACK-PE44524 Datasheet
265Kb / 2P
   N Male Right Angle Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
More results

Similar Description - PE44522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
   N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
   TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
   RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
   UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
   RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
   N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
   RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
   RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
   TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4386 PASTERNACK-PE4386 Datasheet
306Kb / 2P
   BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com