Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTCC3M00G56A-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC3M00G56A-B0
Description  no adjustment is necessary for os cillation circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC3M00G56A-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTCC3M00G56A-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCC3M00G56A-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCC3M00G56A-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTCC3M00G56A-B0
Specifications
Shape
SMD
Frequency
3.000MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
40
to
125
Frequency Shift by Temperature
-0.6/+0.3%
Frequency Aging
±0.3%
Wash
avairable
Resonant Impedance
50Ω
Built-in Load Capacitance
47pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/23


Similar Part No. - CSTCC3M00G56A-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCC3M00G56A-R0 MURATA-CSTCC3M00G56A-R0 Datasheet
182Kb / 3P
   no adjustment is necessary for os cillation circuits
logo
Murata Manufacturing Co...
CSTCC3M00G56A-R0 MURATA1-CSTCC3M00G56A-R0 Datasheet
310Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
CSTCC3M00G56A-R0 MURATA1-CSTCC3M00G56A-R0_V01 Datasheet
310Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
More results

Similar Description - CSTCC3M00G56A-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCE10M0G52Z-B0 MURATA-CSTCE10M0G52Z-B0 Datasheet
184Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCC3M00G56Z-R0 MURATA-CSTCC3M00G56Z-R0 Datasheet
181Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCC3M45G56-R0 MURATA-CSTCC3M45G56-R0 Datasheet
181Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCC3M64G56Z-R0 MURATA-CSTCC3M64G56Z-R0 Datasheet
183Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCC3M84G53-R0 MURATA-CSTCC3M84G53-R0 Datasheet
180Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCC8M00G53A-B0 MURATA-CSTCC8M00G53A-B0 Datasheet
191Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCE10M0G55Z-R0 MURATA-CSTCE10M0G55Z-R0 Datasheet
183Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCE11M6G55-R0 MURATA-CSTCE11M6G55-R0 Datasheet
183Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCE12M0G15C99-R0 MURATA-CSTCE12M0G15C99-R0 Datasheet
182Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCE12M0G15L12-R0 MURATA-CSTCE12M0G15L12-R0 Datasheet
178Kb / 3P
   no adjustment is necessary for os cillation circuits
CSTCE12M0G15L99-R0 MURATA-CSTCE12M0G15L99-R0 Datasheet
179Kb / 3P
   no adjustment is necessary for os cillation circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com