Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4C1M16C3DJ-6 Datasheet(PDF) 13 Page - Micron Technology

Part # MT4C1M16C3DJ-6
Description  FPM DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C1M16C3DJ-6 Datasheet(HTML) 13 Page - Micron Technology

Back Button MT4C1M16C3DJ-6 Datasheet HTML 9Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 10Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 11Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 12Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 13Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 14Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 15Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 16Page - Micron Technology MT4C1M16C3DJ-6 Datasheet HTML 17Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
1 Meg x 16 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D51_5V_B.p65 – Rev. B; Pub 3/01
©2001, Micron Technology, Inc.
1 MEG x 16
FPM DRAM
VALID D
OUT
VALID D
IN
ROW
COLUMN
ROW
V
V
IH
IL
V
V
IH
IL
ADDR
V
V
IH
IL
V
V
IH
IL
DQ
V
V
IOH
IOL
V
V
IH
IL
RAS#
OPEN
OPEN
tOE
tOD
tCAC
tRAC
tAA
tCLZ
tDS
tDH
tAWD
tWP
tRWL
tCWL
tCWD
tRWD
tRCS
tASC
tCAH
tAR
tASR
tRAD
tCRP
tRCD
tCAS
tRSH
tCSH
tRAS
tRWC
tRP
tRAH
OE#
tOEH
tCLCH
WE#
CASL#/CASH#
DON’T CARE
UNDEFINED
READ-WRITE CYCLE
(LATE WRITE and READ-MODIFY-WRITE cycles)
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tAA
25
30
ns
tAR
38
45
ns
tASC
0
0
ns
tASR
0
0
ns
tAWD
42
49
ns
tCAC
15
15
ns
tCAH
8
10
ns
tCAS
8
10,000
10
10,000
ns
tCLCH
10
10
ns
tCLZ
0
0
ns
tCRP
5
5
ns
tCSH
38
45
ns
tCWD
28
35
ns
tCWL
8
10
ns
tDH
8
10
ns
tDS
0
0
ns
tOD
0
12
0
15
ns
tOE
12
15
ns
tOEH
8
10
ns
tRAC
50
60
ns
tRAD
9
12
ns
tRAH
9
10
ns
tRAS
50
10,000
60
10,000
ns
tRCD
11
14
ns
tRCS
0
0
ns
tRP
30
40
ns
tRSH
13
15
ns
tRWC
116
140
ns
tRWD
67
79
ns
tRWL
13
15
ns
tWP
5
5
ns
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS


Similar Part No. - MT4C1M16C3DJ-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
MT4C1M16E5DJ-5 MICRON-MT4C1M16E5DJ-5 Datasheet
385Kb / 24P
   EDO DRAM
MT4C1M16E5DJ-6 MICRON-MT4C1M16E5DJ-6 Datasheet
385Kb / 24P
   EDO DRAM
MT4C1M16E5TG-5 MICRON-MT4C1M16E5TG-5 Datasheet
385Kb / 24P
   EDO DRAM
MT4C1M16E5TG-6 MICRON-MT4C1M16E5TG-6 Datasheet
385Kb / 24P
   EDO DRAM
More results

Similar Description - MT4C1M16C3DJ-6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
   BL FPM
logo
Advantech Co., Ltd.
UNO-PCM21 ADVANTECH-UNO-PCM21 Datasheet
83Kb / 1P
   UNO & FPM integration kit
logo
PHOENIX CONTACT
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
   Monitor - VL FPM 12U
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
   Monitor - VL FPM 19U
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
   Monitor - VL FPM 15
2913018 PHOENIX-2913018 Datasheet
49Kb / 2P
   Monitor - VL FPM 15U
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
   Monitor - BL FPM 21.5
logo
Advantech Co., Ltd.
UNO-PCM22 ADVANTECH-UNO-PCM22 Datasheet
83Kb / 1P
   UNO & FPM integration kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com