Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC8M16A2TG-8E Datasheet(PDF) 44 Page - Micron Technology

Part # MT48LC8M16A2TG-8E
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC8M16A2TG-8E Datasheet(HTML) 44 Page - Micron Technology

Back Button MT48LC8M16A2TG-8E Datasheet HTML 40Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 41Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 42Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 43Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 44Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 45Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 46Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 47Page - Micron Technology MT48LC8M16A2TG-8E Datasheet HTML 48Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
44
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
NOTE: 1. For this example, the burst length = 1, the CAS latency = 2, and the READ burst is followed by a “manual”
PRECHARGE.
2. x16: A9 and A11 = “Don’t Care”
x8: A11 = “Don’t Care”
3. PRECHARGE command not allowed or tRAS would be violated.
*CAS latency indicated in parentheses.
-7E
-75
-8E
SYMBOL*
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tCMH
0.8
0.8
1
ns
tCMS
1.5
1.5
2
ns
tHZ(3)
5.4
5.4
6
ns
tHZ(2)
5.4
6
6
ns
tLZ
111
ns
tOH
333
ns
tRAS
37
120,000
44
120,000
50
120,000
ns
tRC
60
66
70
ns
tRCD
15
20
20
ns
tRP
15
20
20
ns
TIMING PARAMETERS
-7E
-75
-8E
SYMBOL*
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tAC (3)
5.4
5.4
6
ns
tAC (2)
5.4
6
6
ns
tAH
0.8
0.8
1
ns
tAS
1.5
1.5
2
ns
tCH
2.5
2.5
3
ns
tCL
2.5
2.5
3
ns
tCK (3)
7
7.5
8
ns
tCK (2)
7.5
10
10
ns
tCKH
0.8
0.8
1
ns
tCKS
1.5
1.5
2
ns
SINGLE READ – WITHOUT AUTO PRECHARGE 1
ALL BANKS
tCH
tCL
tCK
tAC
tLZ
tRP
tRAS
tRCD
CAS Latency
tRC
tOH
DOUT m
tCMH
tCMS
tAH
tAS
tAH
tAS
tAH
tAS
ROW
ROW
BANK
BANK(S)
BANK
ROW
ROW
BANK
tHZ
tCMH
tCMS
NOP
NOP
NOP
PRECHARGE
ACTIVE
NOP
READ
ACTIVE
NOP
DISABLE AUTO PRECHARGE
SINGLE BANKS
DON’T CARE
UNDEFINED
COLUMN m2
tCKH
tCKS
T0
T1
T2
T3
T4
T5
T6
T7
T8
DQM /
DQML, DQMH
CKE
CLK
A0-A9, A11
DQ
BA0, BA1
A10
COMMAND
3
3


Similar Part No. - MT48LC8M16A2TG-8E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC8M16A2TG-6A MICRON-MT48LC8M16A2TG-6A Datasheet
115Kb / 4P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC8M16A2TG-8E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com