Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16TG-8L Datasheet(PDF) 39 Page - Micron Technology

Part # MT46V32M16TG-8L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16TG-8L Datasheet(HTML) 39 Page - Micron Technology

Back Button MT46V32M16TG-8L Datasheet HTML 35Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 36Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 37Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 38Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 39Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 40Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 41Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 42Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
512Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mx4x8x16DDR_B.p65 – Rev. B; Pub 4/01
©2001, Micron Technology, Inc.
512Mb: x4, x8, x16
DDR SDRAM
ADVANCE
TRUTH TABLE 3 – CURRENT STATE BANK n - COMMAND TO BANK n
(Notes: 1-6; notes appear below and on next page)
CURRENT STATE CS# RAS# CAS# WE#
COMMAND/ACTION
NOTES
Any
H
X
X
X
DESELECT (NOP/continue previous operation)
L
H
H
H
NO OPERATION (NOP/continue previous operation)
L
L
H
H
ACTIVE (select and activate row)
Idle
L
L
L
H
AUTO REFRESH
7
LLLL
LOAD MODE REGISTER
7
L
H
L
H
READ (select column and start READ burst)
10
Row Active
L
H
L
L
WRITE (select column and start WRITE burst)
10
L
L
H
L
PRECHARGE (deactivate row in bank or banks)
8
Read
L
H
L
H
READ (select column and start new READ burst)
10
(Auto-
L
H
L
L
WRITE (select column and start WRITE burst)
10, 12
Precharge
L
L
H
L
PRECHARGE (truncate READ burst, start PRECHARGE)
8
Disabled)
L
H
H
L
BURST TERMINATE
9
Write
L
H
L
H
READ (select column and start READ burst)
10, 11
(Auto-
L
H
L
L
WRITE (select column and start new WRITE burst)
10
Precharge
L
L
H
L
PRECHARGE (truncate WRITE burst, start PRECHARGE)
8, 11
Disabled)
NOTE:
1. This table applies when CKEn-1 was HIGH and CKEn is HIGH (see Truth Table 2) and after tXSNR has been
met (if the previous state was self refresh).
2. This table is bank-specific, except where noted (i.e., the current state is for a specific bank and the com-
mands shown are those allowed to be issued to that bank when in that state). Exceptions are covered in
the notes below.
3. Current state definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses
and no register accesses are in progress.
Read: A READ burst has been initiated, with auto precharge disabled, and has not yet
terminated or been terminated.
Write: A WRITE burst has been initiated, with auto precharge disabled, and has not yet
terminated or been terminated.
4. The following states must not be interrupted by a command issued to the same bank. COMMAND INHIBIT
or NOP commands, or allowable commands to the other bank should be issued on any clock edge occur-
ring during these states. Allowable commands to the other bank are determined by its current state and
Truth Table 3, and according to Truth Table 4.
Precharging: Starts with registration of a PRECHARGE command and ends when tRP is met. Once
tRP is met, the bank will be in the idle state.
Row Activating: Starts with registration of an ACTIVE command and ends when tRCD is met.
Once tRCD is met, the bank will be in the “row active” state.
Read w/Auto-
Precharge Enabled: Starts with registration of a READ command with auto precharge enabled and ends
when tRP has been met. Once tRP is met, the bank will be in the idle state.
Write w/Auto-
Precharge Enabled: Starts with registration of a WRITE command with auto precharge enabled and ends
when tRP has been met. Once tRP is met, the bank will be in the idle state.


Similar Part No. - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com