Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16TG-8L Datasheet(PDF) 58 Page - Micron Technology

Part # MT46V32M16TG-8L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16TG-8L Datasheet(HTML) 58 Page - Micron Technology

Back Button MT46V32M16TG-8L Datasheet HTML 54Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 55Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 56Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 57Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 58Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 59Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 60Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 61Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 62Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
58
512Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mx4x8x16DDR_B.p65 – Rev. B; Pub 4/01
©2001, Micron Technology, Inc.
512Mb: x4, x8, x16
DDR SDRAM
ADVANCE
Figure 31
Data Input Timing
Figure 30
Data Output Timing - tAC and tDQSCK
CK
CK#
DQS, or LDQS/UDQS2
T07
T1
T2
T3
T4
T5
T2n
T3n
T4n
T5n
T6
NOTE: 1. tDQSCK is the DQS output window relative to CK and is the“long term” component of DQS skew.
2. DQs transitioning after DQS transition define tDQSQ window.
3. All DQs must transition by tDQSQ after DQS transitions, regardless of tAC.
4. tAC is the DQ output window relative to CK, and is the“long term” component of DQ skew.
5. tLZ(MIN) and tAC(MIN) are the first valid signal transition.
6. tHZ(MAX ,and tAC(MAX) are the latest valid signal transition.
7. READ command with CL = 2 issued at T0.
tRPST
tLZ(MIN)
tDQSCK1(MAX)
tDQSCK1(MIN)
tDQSCK1(MAX)
tDQSCK1(MIN)
tHZ(MAX)
tRPRE
DQ (Last data valid)
DQ (First data valid)
All DQs collectively3
tAC4(MIN)
tAC4(MAX)
tLZ(MIN)
tHZ(MAX)
T2
T2
T2n
T3n
T4n
T5n
T2n
T2n
T3n
T3n
T4n
T4n
T5n
T5n
T3
T4
T4
T5
T5
T2
T3
T4
T5
T3
DQS
tDQSS
tDQSH tWPST
tDH
tDS
tDQSL
tDSS2 tDSH1
tDSH1
tDSS2
DM
DQ
CK
CK#
T03
T1
T1n
T2
T2n
T3
DI
b
NOTE: 1. tDSH(MIN) generally occurs during tDQSS(MIN).
2. tDSS(MIN) generally occurs during tDQSS(MAX).
3. WRITE command issued at T0.
4. For x16, LDQS controls the lower byte and UDQS controls the upper byte.
DON’T CARE
TRANSITIONING DATA
tWPRE
tWPRES


Similar Part No. - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com