Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7980 Datasheet(PDF) 7 Page - ON Semiconductor

Part # EN7980
Description  Duty LCD Driver with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7980 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button EN7980 Datasheet HTML 3Page - ON Semiconductor EN7980 Datasheet HTML 4Page - ON Semiconductor EN7980 Datasheet HTML 5Page - ON Semiconductor EN7980 Datasheet HTML 6Page - ON Semiconductor EN7980 Datasheet HTML 7Page - ON Semiconductor EN7980 Datasheet HTML 8Page - ON Semiconductor EN7980 Datasheet HTML 9Page - ON Semiconductor EN7980 Datasheet HTML 10Page - ON Semiconductor EN7980 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
No. 7980-7/39
LC75857E, LC75857W
Pin
Pin No.
Function
Active
I/O
Handling
when unused
O
OPEN
COM1
to
O
OPEN
COM3
COM4/S39
KS1/S40
43
KS2/S41
44
O
OPEN
KS3/S42
45
KS4 to KS6
46 to 48
KI1 to KI5
49 to 53
H
I
GND
OSC
60
I/O
VDD
CE
62
H
I
CL
63
I
GND
DI
64
I
DO
61
O
OPEN
TEST
59
This pin must be connected to ground.
I
VLCD1
56
I
OPEN
VLCD2
57
I
OPEN
VDD
54
VLCD
55
VSS
58
Power supply connection. Connect to ground.
Pin Functions
Segment outputs for displaying the display data transferred by serial data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports under serial
data control.
Common driver outputs
The frame frequency is fo [Hz]
The COM4/S39 pin can be used as a segment output in 1/3 duty.
Key scan outputs
Although normal key scan timing lines require diodes to be inserted in the timing lines
to prevent shorts, since these outputs are unbalanced CMOS transistor outputs, these
outputs will not be damaged by shorting when these outputs are used to form a key
matrix. The KS1/S40 to KS3/S42 pins can be used as segment outputs when so
specified by the control data.
Key scan inputs
These pins have built-in pull-down resistors.
The OSC pin can be used to form an oscillator circuit with an external resistor and an
external capacitor. If external clock mode is selected with the control data, this pin is
used to input an external clock signal.
Serial data interface connections to the controller. Note that DO, being an open-drain
output, requires a pull-up resistor.
CE :Chip enable
CL :Synchronization clock
DI :Transfer data
DO :Output data
Used for applying the LCD drive 2/3 bias voltage externally. Must be connected to
VLCD2 when a 1/2 bias drive scheme is used.
Used for applying the LCD drive 1/3 bias voltage externally. Must be connected to
VLCD1 when a 1/2 bias drive scheme is used.
Logic block power supply connection. Provide a voltage of between 2.7 and 6.0V.
LCD driver block power supply connection. A voltage in the range 0.75
× VDD to 6.0 V
must be provided when VDD is in the range 3.6 to 6.0 V, and a voltage in the range
2.7 V to 6.0 V must be provided when VDD is in the range 2.7 to 3.6 V.
S1/P1 to
S4/P4
S5 to S38
1 to 4
5 to 38
42 to 40
39


Similar Part No. - EN7980

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7988A SANYO-EN7988A Datasheet
473Kb / 8P
   DC / DC Converter Applications
logo
ON Semiconductor
EN7988B ONSEMI-EN7988B Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
More results

Similar Description - EN7980

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com