Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS52510-1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS52510-1
Description  10 A LDO 5?뭁in Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52510-1 Datasheet(HTML) 3 Page - ON Semiconductor

  CS52510-1 Datasheet HTML 1Page - ON Semiconductor CS52510-1 Datasheet HTML 2Page - ON Semiconductor CS52510-1 Datasheet HTML 3Page - ON Semiconductor CS52510-1 Datasheet HTML 4Page - ON Semiconductor CS52510-1 Datasheet HTML 5Page - ON Semiconductor CS52510-1 Datasheet HTML 6Page - ON Semiconductor CS52510-1 Datasheet HTML 7Page - ON Semiconductor CS52510-1 Datasheet HTML 8Page - ON Semiconductor CS52510-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS52510−1
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (0°C ≤ TA ≤ 70°C; 0°C ≤ TJ ≤ 150°C; VSENSE = VOUT and VADJ = 0 V; unless
otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
CS52510−1
Ripple Rejection (Note 5)
VCONTROL = VPOWER = 3.25 V Avg,
VRIPPLE = 1.0 VP−P @ 120 Hz, IOUT = 4.0 A,
CADJ = 0.1 μF
60
80
dB
Thermal Regulation
30 ms Pulse, TA = 25°C
0.002
%/W
VCONTROL Dropout Voltage
(Minimum VCONTROL − VOUT)
(Note 6)
VPOWER = 2.5 V, IOUT = 100 mA
VPOWER = 2.5 V, IOUT = 1.0 A
VPOWER = 2.5 V, IOUT = 2.75 A
VPOWER = 2.5 V, IOUT = 4.0 mA
VPOWER = 2.5 V, IOUT = 10 A
1.00
1.00
1.00
1.00
1.25
1.15
1.15
1.15
1.15
1.40
V
V
V
V
V
VPOWER Dropout Voltage
(Minimum VPOWER − VOUT)
(Note 6)
VCONTROL = 2.75 V, IOUT = 100 mA
VCONTROL = 2.75 V, IOUT = 1.0 A
VCONTROL = 2.75 V, IOUT = 2.75 A
VCONTROL = 2.75 V, IOUT = 4.0 mA
VCONTROL = 2.75 V, IOUT = 10 A
0.10
0.15
0.20
0.26
0.65
0.15
0.20
0.30
0.40
0.80
V
V
V
V
V
RMS Output Noise
Freq = 10 Hz to 10 kHz, TA = 25°C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 7)
150
180
210
°C
Thermal Shutdown Hysteresis
25
°C
VCONTROL Supply Only Output
Current
VCONTROL = 13 V, VPOWER Not Connected,
VADJ = VOUT = VSENSE = 0 V
50
mA
VPOWER Supply Only Output
Current
VPOWER = 6.0 V, VCONTROL Not Connected,
VADJ = VOUT = VSENSE = 0 V
0.1
1.0
mA
5. This parameter is guaranteed by design and is not 100% production tested.
6. Dropout is defined as either minimum control voltage (VCONTROL) or minimum power voltage (VPOWER) to output voltage differential re-
quired to maintain 1.5% regulation at a particular load.
7. This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test
is performed on each part.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
TO−220
1
VSENSE
This Kelvin sense pin allows for remote sensing of the output voltage at the
load for improved regulation. It is internally connected to the positive input of
the voltage sensing error amplifier.
2
Adjust
This pin is connected to the low side of the internally trimmed 1.5% bandgap
reference voltage and carries a bias current of about 50 μA. A resistor divider
from Adjust to VOUT and from Adjust to ground sets the output voltage. Also,
transient response can be improved by adding a small bypass capacitor from
this pin to ground.
3
VOUT
This pin is connected to the emitter of the power pass transistor and provides a
regulated voltage capable of sourcing 10 A of current.
4
VCONTROL
This is the supply voltage for the regulator control circuitry. For the device to
regulate, this voltage should be between 1.0 V and 1.4 V (depending on the
output current) greater than the output voltage. The control pin current will be
about 1.0% of the power pin output current.
5
VPOWER
This is the power input voltage. This pin is physically connected to the collector
of the power pass transistor. For the device to regulate, this voltage should be
between 1.0 V and 0.8 V greater than the output voltage depending on the out-
put current. The output load current of 10 A is supplied through this pin.


Similar Part No. - CS52510-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS52510-1GT5 CHERRY-CS52510-1GT5 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
More results

Similar Description - CS52510-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com