Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5210-1GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5210-1GT3
Description  10 A LDO 3?뭁in Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5210-1GT3 Datasheet(HTML) 7 Page - ON Semiconductor

  CS5210-1GT3 Datasheet HTML 1Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 2Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 3Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 4Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 5Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 6Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 7Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS5210−1
http://onsemi.com
7
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type. The
maximum power dissipation for a regulator is:
PD(max) + (VIN(max) * VOUT(min))IOUT(max) ) VIN(max)
IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow path
between the IC and the outside environment has a thermal
resistance. Like series electrical resistances, these
resistances are summed to determine the total thermal
resistance between the die junction and the surrounding air,
RΘJC. This total thermal resistance is comprised of three
components. These resistive terms are measured from
junction to case (RΘJC), case to heat sink (RΘCS), and heat
sink to ambient air (RΘSA). The equation is:
RQJA + RQJC ) RQCS ) RQSA
RΘJC is rated @ 1.4°C/W for the CS5210−1. For a high
current regulator such as the CS5210−1 the majority of heat
is generated in the power transistor section. The value for
RΘSA depends on the heat sink type, while the RΘCS depends
on factors such as package type, heat sink interface (is an
insulator and thermal grease used?), and the contact area
between the heat sink and the package. Once these
calculations are complete, the maximum permissible value
of RΘJA can be calculated and the proper heat sink selected.
For further discussion on heat sink selection, see application
note
“Thermal
Management,”
document
number
AND8036/D, available through the Literature Distribution
Center or via our website at http://onsemi.com.


Similar Part No. - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5210-1GT3 CHERRY-CS5210-1GT3 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results

Similar Description - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
logo
Texas Instruments
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com