Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1215-04SO Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1215-04SO
Description  4-Channel Low Capacitance ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1215-04SO Datasheet(HTML) 3 Page - ON Semiconductor

  CM1215-04SO Datasheet HTML 1Page - ON Semiconductor CM1215-04SO Datasheet HTML 2Page - ON Semiconductor CM1215-04SO Datasheet HTML 3Page - ON Semiconductor CM1215-04SO Datasheet HTML 4Page - ON Semiconductor CM1215-04SO Datasheet HTML 5Page - ON Semiconductor CM1215-04SO Datasheet HTML 6Page - ON Semiconductor CM1215-04SO Datasheet HTML 7Page - ON Semiconductor CM1215-04SO Datasheet HTML 8Page - ON Semiconductor CM1215-04SO Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM1215
http://onsemi.com
3
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Supply Voltage (VP−VN)
6
V
Diode Forward DC Current (Note 1)
20
mA
DC Voltage at any Channel Input
(VN−0.5) to (VP+0.5)
V
Operating Temperature Range
Ambient
−40 to +85
°C
Junction
−40 to +125
°C
Storage Temperature Range
−40 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature Range
–40 to +85
°C
Package Power Rating
SOT23−3 Package (CM1215−01SO)
SOT143 Package (CM1215−02SR)
SOT23−5 Package (CM1215−02SO)
SOT23−6 Package (CM1215−04SO)
225
225
225
225
mW
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
Operating Supply Voltage (VP−VN)
3.3
5.5
V
IP
Operating Supply Current
(VP−VN) = 3.3 V
8
mA
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 20 mA; TA = 25°C
0.6
0.6
0.8
0.8
0.95
0.95
V
ILEAK
Channel Leakage Current
TA = 25°C; VP = 5 V, VN = 0 V
±0.1
±1.0
mA
CIN
Channel Input Capacitance
At 1 MHz, VP = 3.3 V,
VN = 0 V, VIN = 1.65V;
1.6
2.0
pF
ΔCIN
Channel I/O to GND Capacitance Difference
0.04
pF
CMUTUAL
Mutual Capacitance
(VP−VN) = 3.3 V
0.13
pF
VESD
ESD Protection
Peak Discharge Voltage at any channel input,
in system, contact discharge
per IEC 61000−4−2 standard
TA = 25°C
(Notes 2 and 3)
±15
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
IPP = 1 A, tP = 8/20 mS;
TA = 25°C;
VP+1.5
VN−1.5
V
RDYN
Dynamic Resistance
Positive transients
Negative transients
IPP = 1 A, tP = 8/20 mS;
TA = 25°C;
0.4
0.4
W
1. All parameters specified at TA = −40°C to +85°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W, VP = 3.3 V, VN grounded.
3. From I/O pins to VP or VN only. VP bypassed to VN with low ESR 0.2 mF ceramic capacitor.


Similar Part No. - CM1215-04SO

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215-04SO CALMIRCO-CM1215-04SO Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results

Similar Description - CM1215-04SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com