Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1215-02SR Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1215-02SR
Description  4-Channel Low Capacitance ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1215-02SR Datasheet(HTML) 1 Page - ON Semiconductor

  CM1215-02SR Datasheet HTML 1Page - ON Semiconductor CM1215-02SR Datasheet HTML 2Page - ON Semiconductor CM1215-02SR Datasheet HTML 3Page - ON Semiconductor CM1215-02SR Datasheet HTML 4Page - ON Semiconductor CM1215-02SR Datasheet HTML 5Page - ON Semiconductor CM1215-02SR Datasheet HTML 6Page - ON Semiconductor CM1215-02SR Datasheet HTML 7Page - ON Semiconductor CM1215-02SR Datasheet HTML 8Page - ON Semiconductor CM1215-02SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 3
1
Publication Order Number:
CM1215/D
CM1215
1, 2 and 4-Channel
Low Capacitance
ESD Arrays
Product Description
The CM1215 family of diode arrays provides ESD protection for
electronic components or sub−systems requiring minimal capacitive
loading. These devices are ideal for protecting systems with high data
and clock rates or for circuits requiring low capacitive loading. Each
ESD channel consists of a pair of diodes in series which steer the
positive or negative ESD current pulse to either the positive (VP) or
negative (VN) supply rail. The CM1215 protects against ESD pulses
up to
±15 kV per the IEC 61000−4−2 standard.
This device is particularly well−suited for protecting systems using
high−speed ports such as USB2.0, IEEE1394 (Firewire®, iLink
t),
Serial ATA, DVI, HDMI and corresponding ports in removable
storage, digital camcorders, DVD−RW drives and other applications
where extremely low loading capacitance with ESD protection are
required in a small package footprint.
Features
One, two, and four channels of ESD Protection
Provides ±15 kV ESD Protection on Each Channel Per the IEC
61000−4−2 ESD Requirements
Channel Loading Capacitance of 1.6 pF Typical
Channel I/O to GND Capacitance Difference of 0.04 pF Typical
Mutual Capacitance of 0.13 pF Typical
Minimal Capacitance Change with Temperature and Voltage
Each I/O Pin Can Withstand Over 1000 ESD Strikes
SOT Packages
These Devices are Pb−Free and are RoHS Compliant
Applications
IEEE1394 Firewire® Ports at 400 Mbps / 800 Mbps
DVI Ports, HDMI Ports in Notebooks, Set Top Boxes, Digital TVs,
LCD Displays
Serial ATA Ports in Desktop PCs and Hard Disk Drives
PCI Express Ports
General Purpose High−Speed Data Line ESD Protection
SOT23−5
(Pb−Free)
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
SOT23−3
SO SUFFIX
CASE 419AH
http://onsemi.com
CM1215−01SO
SOT23−3
(Pb−Free)
3000/Tape & Reel
SOT143
(Pb−Free)
3000/Tape & Reel
CM1215−02SR
3000/Tape & Reel
CM1215−02SO
SOT23−6
(Pb−Free)
3000/Tape & Reel
CM1215−04SO
1
E151 MG
G
XXXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOT23−6
SO SUFFIX
CASE 527AJ
SOT23−5
SO SUFFIX
CASE 527AH
SOT143
SR SUFFIX
CASE 527AF
1
E153 MG
G
E152 MG
G
1
E154 MG
G


Similar Part No. - CM1215-02SR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215-02SR CALMIRCO-CM1215-02SR Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results

Similar Description - CM1215-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com