Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC2M32B2 Datasheet(PDF) 8 Page - Micron Technology

Part # MT48LC2M32B2
Description  SYNCHRONOUS DRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M32B2 Datasheet(HTML) 8 Page - Micron Technology

Back Button MT48LC2M32B2 Datasheet HTML 4Page - Micron Technology MT48LC2M32B2 Datasheet HTML 5Page - Micron Technology MT48LC2M32B2 Datasheet HTML 6Page - Micron Technology MT48LC2M32B2 Datasheet HTML 7Page - Micron Technology MT48LC2M32B2 Datasheet HTML 8Page - Micron Technology MT48LC2M32B2 Datasheet HTML 9Page - Micron Technology MT48LC2M32B2 Datasheet HTML 10Page - Micron Technology MT48LC2M32B2 Datasheet HTML 11Page - Micron Technology MT48LC2M32B2 Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
64Mb: x32 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
64MSDRAMx32_5.p65 – Rev. B; Pub. 6/02
©2002, Micron Technology, Inc.
64Mb: x32
SDRAM
ALLOWABLE OPERATING
FREQUENCY (MHz)
CAS
CAS
CAS
SPEED
LATENCY = 1
LATENCY = 2
LATENCY = 3
- 5
-
-
≤200
-55
-
-
≤183
- 6
≤50
≤100
≤166
- 7
≤50
≤100
≤143
Reserved states should not be used as unknown
operation or incompatibility with future versions may
result.
Operating Mode
The normal operating mode is selected by setting
M7 and M8 to zero; the other combinations of values for
M7 and M8 are reserved for future use and/or test
modes. The programmed burst length applies to both
READ and WRITE bursts.
Test modes and reserved states should not be used
because unknown operation or incompatibility with
future versions may result.
Write Burst Mode
When M9 = 0, the burst length programmed via
M0-M2 applies to both READ and WRITE bursts; when
M9 = 1, the programmed burst length applies to READ
bursts, but write accesses are single-location (nonburst)
accesses.
CAS Latency
The CAS latency is the delay, in clock cycles, be-
tween the registration of a READ command and the
availability of the first piece of output data. The la-
tency can be set to one, two or three clocks.
If a READ command is registered at clock edge n,
and the latency is m clocks, the data will be available by
clock edge n + m. The DQs will start driving as a result of
the clock edge one cycle earlier (n + m - 1), and provided
that the relevant access times are met, the data will be
valid by clock edge n + m. For example, assuming that
the clock cycle time is such that all relevant access times
are met, if a READ command is registered at T0 and the
latency is programmed to two clocks, the DQs will start
driving after T1 and the data will be valid by T2, as
shown in Figure 2. Table 2 below indicates the operat-
ing frequencies at which each CAS latency setting can
be used.
Figure 2
CAS Latency
Table 2
CAS Latency
CLK
DQ
T2
T1
T3
T0
CAS Latency = 3
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
NOP
T4
NOP
DON’T CARE
UNDEFINED
CLK
DQ
T2
T1
T0
CAS Latency = 1
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
CLK
DQ
T2
T1
T3
T0
CAS Latency = 2
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
NOP


Similar Part No. - MT48LC2M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC2M32B2P-6A MICRON-MT48LC2M32B2P-6A Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
More results

Similar Description - MT48LC2M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com