Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV25128VE-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAV25128VE-GT3
Description  SPI Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25128VE-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAV25128VE-GT3 Datasheet HTML 1Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 2Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 3Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 4Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 5Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 6Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 7Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 8Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAV25128
http://onsemi.com
5
Status Register
The Status Register, as shown in Table 8, contains a
number of status and control bits.
The RDY (Ready) bit indicates whether the device is busy
with a write operation. This bit is automatically set to 1 during
an internal write cycle, and reset to 0 when the device is ready
to accept commands. For the host, this bit is read only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is in a
Write Enable state and when set to 0, the device is in a Write
Disable state.
The BP0 and BP1 (Block Protect) bits determine which
blocks are currently write protected. They are set by the user
with the WRSR command and are non−volatile. The user is
allowed to protect a quarter, one half or the entire memory,
by setting these bits according to Table 9. The protected
blocks then become read−only.
The WPEN (Write Protect Enable) bit acts as an enable for
the WP pin. Hardware write protection is enabled when the
WP pin is low and the WPEN bit is 1. This condition
prevents writing to the status register and to the block
protected sections of memory. While hardware write
protection is active, only the non−block protected memory
can be written. Hardware write protection is disabled when
the WP pin is high or the WPEN bit is 0. The WPEN bit, WP
pin and WEL bit combine to either permit or inhibit Write
operations, as detailed in Table 10.
The IPL (Identification Page Latch) bit determines
whether the additional Identification Page (IPL = 1) or main
memory array (IPL = 0) can be accessed both for Read and
Write operations. The IPL bit is set by the user with the
WRSR command and is volatile. The IPL bit is
automatically reset after read/write operations.
The LIP bit is set by the user with the WRSR command
and is non−volatile. When set to 1, the Identification Page is
permanently write protected (locked in Read−only mode).
Note: The IPL and LIP bits cannot be set to 1 using the
same WRSR instruction. If the user attempts to set (“1”)
both the IPL and LIP bit in the same time, these bits cannot
be written and therefore they will remain unchanged.
Table 8. STATUS REGISTER
7
6
5
4
3
2
1
0
WPEN
IPL
0
LIP
BP1
BP0
WEL
RDY
Table 9. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
3000−3FFF
Quarter Array Protection
1
0
2000−3FFF
Half Array Protection
1
1
0000−3FFF
Full Array Protection
Table 10. WRITE PROTECT CONDITIONS
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - CAV25128VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25128VE-GT3 ONSEMI-CAV25128VE-GT3 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
More results

Similar Description - CAV25128VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020 ONSEMI-CAV25020 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com