Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT48LC1M16A1S Datasheet(PDF) 4 Page - Micron Technology

Part No. MT48LC1M16A1S
Description  SYNCHRONOUS DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC1M16A1S Datasheet(HTML) 4 Page - Micron Technology

  MT48LC1M16A1S Datasheet HTML 1Page - Micron Technology MT48LC1M16A1S Datasheet HTML 2Page - Micron Technology MT48LC1M16A1S Datasheet HTML 3Page - Micron Technology MT48LC1M16A1S Datasheet HTML 4Page - Micron Technology MT48LC1M16A1S Datasheet HTML 5Page - Micron Technology MT48LC1M16A1S Datasheet HTML 6Page - Micron Technology MT48LC1M16A1S Datasheet HTML 7Page - Micron Technology MT48LC1M16A1S Datasheet HTML 8Page - Micron Technology MT48LC1M16A1S Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
16Mb: x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
16MSDRAMx16.p65 – Rev. 8/99
©1999, Micron Technology, Inc.
4
16Mb: x16
SDRAM
11
11
11
RAS#
REFRESH
CONTROLLER
2,048
REFRESH
COUNTER
CAS#
256
256 (x16)
8
ROW-
ADDRESS
MUX
CLK
CS#
WE#
CKE
256 (x16)
BANK1
MEMORY
ARRAY
(2,048 x 256 x 16)
SENSE AMPLIFIERS
I/O GATING
DQM MASK LOGIC
CONTROL
LOGIC
COLUMN
DECODER
8
MODE REGISTER
ROW-
ADDRESS
LATCH
11
11
DQ0-
DQ15
A0-A10, BA
16
8
DQML,
DQMH
256
2,048
BANK0
MEMORY
ARRAY
(2,048 x 256 x 16)
ROW-
ADDRESS
LATCH
11
12
ADDRESS
REGISTER
12
SENSE AMPLIFIERS
I/O GATING
DQM MASK LOGIC
DATA
INPUT
REGISTER
DATA
OUTPUT
REGISTER
16
16
FUNCTIONAL BLOCK DIAGRAM
1 Meg x 16 SDRAM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M5M4V64S30ATP-8A 64M 4-BANK x 2097152-WORD x 8-BIT Synchronous DRAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH64D64AKQH-75 4 294 967 296-BIT 67 108 864-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
K4S281632B-N 2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP 1  2  3  4  5  More Samsung semiconductor
HYB39S16400 16 MBit Synchronous DRAM 1  2  3  4  5  More Siemens Semiconductor Group
HC2509C Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications 1  2  3  4  5  More Hynix Semiconductor
MT48LC2M32B2 SYNCHRONOUS DRAM 1  2  3  4  5  More Micron Technology
GLT5640L32 CMOS Synchronous DRAM 2M x 32 SDRAM 1  2  3  4  5  More List of Unclassifed Manufacturers
HY57V161610E 2 Banks x 512K x 16 Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
A43L1616 1M X 16 Bit X 2 Banks Synchronous DRAM 1  2  3  4  5  More AMIC Technology
UPD45128163-A75L 128M-bit Synchronous DRAM 4-bank LVTTL 1  2  3  4  5  More Elpida Memory

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn