Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10854 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C10854
Description  Near infrared line camera (Line rate: 31.25 kHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10854 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  C10854_15 Datasheet HTML 1Page - Hamamatsu Corporation C10854_15 Datasheet HTML 2Page - Hamamatsu Corporation C10854_15 Datasheet HTML 3Page - Hamamatsu Corporation C10854_15 Datasheet HTML 4Page - Hamamatsu Corporation C10854_15 Datasheet HTML 5Page - Hamamatsu Corporation C10854_15 Datasheet HTML 6Page - Hamamatsu Corporation C10854_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
InGaAs multichannel detector head
C10854
Cat. No. KACC1154E07 Aug. 2014 DN
7
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Torshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.r.l.: Strada della Moia, 1 int. 6, 20020 Arese (Milano), Italy, Telephone: (39) 02-93581733, Fax: (39) 02-93581741
China: Hamamatsu Photonics (China) Co., Ltd.: B1201, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of August, 2014.
Option (sold separately)
● F-mount adapter A11544
Related information
Precautions
∙ Notice
www.hamamatsu.com/sp/ssd/doc_en.html


Similar Part No. - C10854_15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C108 VECTRON-C108 Datasheet
410Kb / 4P
   OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
List of Unclassifed Man...
C108024006 ETC2-C108024006 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
C108024060 ETC2-C108024060 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
C108024600 ETC2-C108024600 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
   High-precision driver circuit with variable integration time function
More results

Similar Description - C10854_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
   Near Infrared 1/2-inch CCD Video Camera
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
Hamamatsu Corporation
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
logo
Honeywell Accelerometer...
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Roithner LaserTechnik G...
RLLH808-350-3 ROITHNER-RLLH808-350-3 Datasheet
118Kb / 1P
   infrared line laser module
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com