Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11287 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C11287
Description  Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11287 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C11287_15 Datasheet HTML 1Page - Hamamatsu Corporation C11287_15 Datasheet HTML 2Page - Hamamatsu Corporation C11287_15 Datasheet HTML 3Page - Hamamatsu Corporation C11287_15 Datasheet HTML 4Page - Hamamatsu Corporation C11287_15 Datasheet HTML 5Page - Hamamatsu Corporation C11287_15 Datasheet HTML 6Page - Hamamatsu Corporation C11287_15 Datasheet HTML 7Page - Hamamatsu Corporation C11287_15 Datasheet HTML 8Page - Hamamatsu Corporation C11287_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Driver circuits for CCD image sensor
C11287, C11288
Functions
Parameter
Specification
Operating
mode setting
Suspend mode (LED-off)
The power supply is turned off.
Standby mode (LED-white)
It is Standby state, in which the data acquisition is possible.
Data transfer mode
(LED-green, aqua, blue)
In this mode, the driver circuit sends the data to PC.
Selectable
data
acquisition
modes
Internal synchronous mode
("INT" mode)
Data is acquired on the basis of the trigger timing generated by application software.
External synchronous mode 1
("EXT.EDGE" mode)
Data is acquired in synchronization with the external trigger signal input from the
BNC connector. In synchronization with an edge of the external trigger signal, data is
accumulated for the set integration time and is then output.
External synchronous mode 2
("EXT.LEVEL" mode)
Data is acquired in synchronization with the external trigger signal input from the BNC
connector. Data is accumulated for a period equal to the pulse width of the external
trigger signal and is then output.
Gain adjustment
The gain value can be varied in the range of “1 to 10” with the step of 1. Default value is
"1".
Offset adjustment
The offset value can be varied in the range of “0 to 1020” with the step of 4. Default
value is "40".
Pulse output signal setting
It is possible to set the timing of the pulse output signal that is output from the “BNC
connector for pulse output” of the driver circuit.


Similar Part No. - C11287_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11287 HAMAMATSU-C11287 Datasheet
404Kb / 7P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
More results

Similar Description - C11287_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11287 HAMAMATSU-C11287 Datasheet
404Kb / 7P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
   Vertical Clock Driver for CCD Image sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
C11165 HAMAMATSU-C11165 Datasheet
362Kb / 7P
   Driver circuit for CCD image sensor Interface of computer: USB 2.0
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com