Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ21700 Datasheet(PDF) 14 Page - Texas Instruments

Part # LMZ21700
Description  LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ21700 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZ21700_15 Datasheet HTML 10Page - Texas Instruments LMZ21700_15 Datasheet HTML 11Page - Texas Instruments LMZ21700_15 Datasheet HTML 12Page - Texas Instruments LMZ21700_15 Datasheet HTML 13Page - Texas Instruments LMZ21700_15 Datasheet HTML 14Page - Texas Instruments LMZ21700_15 Datasheet HTML 15Page - Texas Instruments LMZ21700_15 Datasheet HTML 16Page - Texas Instruments LMZ21700_15 Datasheet HTML 17Page - Texas Instruments LMZ21700_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ENABLE 500mV/Div
20MHz BW
1ms/Div
PGOOD 1V/Div
VOUT 500mV/Div
ILOAD 500mA/Div
20MHz BW
1ms/Div
VOUT 20mV/Div AC
ILOAD 500mA/Div
Load Current (A)
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
D013
VIN = 3 V
VIN = 3.3 V
VIN = 4.5 V
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 15 V
VIN = 17 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Load Current (A)
VIN = 3 V
VIN = 3.3 V
VIN = 4.5 V
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 15 V
VIN = 17 V
C001
CIN
22µF
_ 25V
X7R or X5R
CSS
3300pF
_10V
X7R or X5R
COUT
22µF
_ 10V
X7R or X5R
RPG
10k
1%
RFBT
41.2k
1%
RFBB
82.5k
1%
COMPONENT VALUES FOR VOUT=1.2V
VIN
EN
GND
SS
LMZ21700
CIN
CSS
VOUT
PG
FB
VOS
COUT
RPG
RFBT
RFBB
VIN
VOUT
LMZ21700
SNVS872C – AUGUST 2012 – REVISED NOVEMBER 2014
www.ti.com
9.2.3 Application Curves
9.2.3.1 VOUT = 1.2 V
Figure 20. Typical Applications Circuit
Figure 21. External Component Values
(VOUT = 1.2V)
Figure 23. Power Dissipation VOUT = 1.2V
Figure 22. Efficiency VOUT = 1.2V
Figure 24. Load Transient VOUT = 1.2V
Figure 25. Startup VOUT = 1.2V
14
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMZ21700


Similar Part No. - LMZ21700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ21700SILR TI1-LMZ21700SILR Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700SILT TI1-LMZ21700SILT Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Similar Description - LMZ21700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com