Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ21700 Datasheet(PDF) 32 Page - Texas Instruments

Part # LMZ21700
Description  LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ21700 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMZ21700_15 Datasheet HTML 28Page - Texas Instruments LMZ21700_15 Datasheet HTML 29Page - Texas Instruments LMZ21700_15 Datasheet HTML 30Page - Texas Instruments LMZ21700_15 Datasheet HTML 31Page - Texas Instruments LMZ21700_15 Datasheet HTML 32Page - Texas Instruments LMZ21700_15 Datasheet HTML 33Page - Texas Instruments LMZ21700_15 Datasheet HTML 34Page - Texas Instruments LMZ21700_15 Datasheet HTML 35Page - Texas Instruments LMZ21700_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.55) TYP
(0.525)
TYP
8X (0.4)
4X (0.76)
8X (0.45)
6X (0.8)
(2.95)
4X (0.85)
MicroSiP - 1.75 mm max height
SIL0008E
MICRO SYSTEM IN PACKAGE
4221554/B 11/2014
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
SYMM
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
85% PRINTED SOLDER COVERAGE BY AREA
SCALE:25X
1
4
5
8


Similar Part No. - LMZ21700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ21700SILR TI1-LMZ21700SILR Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700SILT TI1-LMZ21700SILT Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Similar Description - LMZ21700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com