Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9251 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9251
Description  High sensitivity in near infrared range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9251 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9251_15 Datasheet HTML 1Page - Hamamatsu Corporation S9251_15 Datasheet HTML 2Page - Hamamatsu Corporation S9251_15 Datasheet HTML 3Page - Hamamatsu Corporation S9251_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Si APD
S9251/S12092 series
Reverse voltage (V)
(Typ. Ta=25 °C)
100
200
0
1 pA
10 pA
100 pA
1 nA
10 nA
100 nA
1 μA
300
S9251-15
S9251-10
S12092-02
S12092-05
Wavelength (nm)
(Typ. Ta=25 °C, M at 860 nm)
400
600
800
1000
200
0
10
20
60
50
40
30
1200
M=100
M=50
Spectral response (M=100)
Dark current vs. reverse voltage
Quantum efficiency vs. wavelength
Wavelength (nm)
400
600
800
1000
200
0
10
20
30
40
50
60
70
80
90
1200
(Typ. Ta=25 °C)
KAPDB0079EA
KAPDB0081EB
KAPDB0080EB
Gain vs. reverse voltage
Reverse voltage (V)
10000
1000
100
10
1
(Typ.
λ=900 nm)
100
120
130
140
110
150
-20 °C
40 °C 60 °C
0 °C
20 °C
KAPDB0082EA


Similar Part No. - S9251_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251-15 HAMAMATSU-S9251-15 Datasheet
75Kb / 2P
   Si APD High sensitivity in near IR range
More results

Similar Description - S9251_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
   Si APD High sensitivity in near IR range
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
S10747-0909 HAMAMATSU-S10747-0909 Datasheet
486Kb / 7P
   Enhanced near-infrared sensitivity by using fully-depleted CCD technology
logo
List of Unclassifed Man...
ICX658AKA ETC2-ICX658AKA Datasheet
138Kb / 2P
   New Generation EXview HAD CCD Ultrahigh-Sensitivity Near Infrared Structure
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
AVAGO TECHNOLOGIES LIMI...
SFH551-1 AVAGO-SFH551-1 Datasheet
84Kb / 5P
   Sensitive in visible and near IR range
logo
JDS Uniphase Corporatio...
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
logo
Hamamatsu Corporation
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com