Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31506H Datasheet(PDF) 3 Page - Texas Instruments

Part # LMZ31506H
Description  6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506H Datasheet(HTML) 3 Page - Texas Instruments

  LMZ31506H_15 Datasheet HTML 1Page - Texas Instruments LMZ31506H_15 Datasheet HTML 2Page - Texas Instruments LMZ31506H_15 Datasheet HTML 3Page - Texas Instruments LMZ31506H_15 Datasheet HTML 4Page - Texas Instruments LMZ31506H_15 Datasheet HTML 5Page - Texas Instruments LMZ31506H_15 Datasheet HTML 6Page - Texas Instruments LMZ31506H_15 Datasheet HTML 7Page - Texas Instruments LMZ31506H_15 Datasheet HTML 8Page - Texas Instruments LMZ31506H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LMZ31506H
www.ti.com
SNVS996 – JULY 2013
THERMAL INFORMATION
LMZ31506H
THERMAL METRIC(1)
RUQ47
UNITS
47 PINS
θJA
Junction-to-ambient thermal resistance(2)
13
θJCtop
Junction-to-case (top) thermal resistance(3)
9
θJB
Junction-to-board thermal resistance(4)
6
°C/W
ψJT
Junction-to-top characterization parameter(5)
2.5
ψJB
Junction-to-board characterization parameter(6)
5
θJCbot
Junction-to-case (bottom) thermal resistance(7)
3.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
PACKAGE SPECIFICATIONS
LMZ31506H
UNIT
Weight
1.26 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
33.9 MHrs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ31506H


Similar Part No. - LMZ31506H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31506H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com