Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31506 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMZ31506
Description  6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ31506_15 Datasheet HTML 1Page - Texas Instruments LMZ31506_15 Datasheet HTML 2Page - Texas Instruments LMZ31506_15 Datasheet HTML 3Page - Texas Instruments LMZ31506_15 Datasheet HTML 4Page - Texas Instruments LMZ31506_15 Datasheet HTML 5Page - Texas Instruments LMZ31506_15 Datasheet HTML 6Page - Texas Instruments LMZ31506_15 Datasheet HTML 7Page - Texas Instruments LMZ31506_15 Datasheet HTML 8Page - Texas Instruments LMZ31506_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
THERMAL INFORMATION
LMZ31506
THERMAL METRIC(1)
RUQ47
UNIT
47 PINS
θJA
Junction-to-ambient thermal resistance(2)
13
θJCtop
Junction-to-case (top) thermal resistance (3)
9
θJCbot
Junction-to-case (bottom) thermal resistance (4)
3.8
°C/W
θJB
Junction-to-board thermal resistance (5)
6
ψJT
Junction-to-top characterization parameter(6)
2.5
ψJB
Junction-to-board characterization parameter(7)
5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance,
θJA, applies to devices soldered directly to a 100 mm x 100 mm double-sided PCB with
1 oz. copper and natural convection cooling. Additional airflow reduces
θJA.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDECstandard
test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(6)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJT * Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(7)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB * Pdis + TB; where Pdis is the power dissipated in the device and TB is
the temperature of the board 1mm from the device.
PACKAGE SPECIFICATIONS
LMZ31506
UNIT
Weight
1.26 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
33.9 MHrs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ31506


Similar Part No. - LMZ31506_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506EVM-692 TI-LMZ31506EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31506_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com