Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12023 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S12023
Description  Low bias operation, for 800 nm band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12023 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S12023_15 Datasheet HTML 1Page - Hamamatsu Corporation S12023_15 Datasheet HTML 2Page - Hamamatsu Corporation S12023_15 Datasheet HTML 3Page - Hamamatsu Corporation S12023_15 Datasheet HTML 4Page - Hamamatsu Corporation S12023_15 Datasheet HTML 5Page - Hamamatsu Corporation S12023_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Si APD
S12023 series, etc.
5
0.45
Lead
Photosensitive
surface
5.08 ± 0.2
Case
1.5. max.
Distance from photosensitive
area center to cap center
-0.3≤X≤+0.3
-0.3≤Y≤+0.3
The glass window may
extend a maximum of
0.2 mm above the upper
surface of the cap.
8.1 ± 0.1
9.1 ± 0.2
Window
5.9 ± 0.1
(5) S2384
(6) S2385
KAPDA0012EC
KAPDA0013EE
12.35 ± 0.1
Window
10.5 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
0.45
Lead
Photosensitive
surface
Index mark
1.4
Distance from photosensitive
area center to cap center
-0.4≤X≤+0.4
-0.4≤Y≤+0.4
The glass window may
extend a maximum of
0.2 mm above the upper
surface of the cap.
1.0 max.
Case
Replacements for previous products
Previous product (listed on the previous datasheet)*
Replacement (listed on this datasheet)
S2381
S12023-02
S2382
S12023-05
S5139
S12051
S8611
S12086
S2383
S12023-10
S2383-10
S12023-10A
* Products that have been removed from this datasheet


Similar Part No. - S12023_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
S1202 OKAYA-S1202 Datasheet
292Kb / 1P
   SPARK QUENCHER
S1202 OKAYA-S1202 Datasheet
65Kb / 1P
   SPARK QUENCHER
logo
Hamamatsu Corporation
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
   Enhanced near IR sensitivity, using a MEMS
More results

Similar Description - S12023_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
logo
M/A-COM Technology Solu...
MAAM-011206 MA-COM-MAAM-011206 Datasheet
989Kb / 9P
   Single Bias Operation
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
   Zero Bias Operation
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
   wide-band operation
logo
Laird Tech Smart Techno...
HDDA3W LSTD-HDDA3W Datasheet
1Mb / 2P
   Wide band operation
SMS69273 LSTD-SMS69273 Datasheet
600Kb / 2P
   Multi-band operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com