Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-3100-A-N0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-3100-A-N0
Description  Front Panel Mount Square Flange Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-3100-A-N0 Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-3100-A-N0 Datasheet HTML 1Page - Glenair, Inc. ITS-3100-A-N0 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
Application Notes:
1. Front panel mount square flange receptacle with rear threads for attachment of various backend connector
accessories. Through mounting holes.
2. Connector Class “A” (general duty).
3. Standard materials configuration consists of aluminum alloy. For platings, see TABLE II finish options.
4. Standard contact material consists of copper alloy with silver plating or gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is synthetic rubber.
7. Add “FR” prefix to front of part number to specify fire resistant insert elastomers.
ITS 3100 A (N0) and ITS 4100 A (N0)
Front Panel Mount Square Flange Receptacle
with Backend Connector Accessory Mounting Threads
ITS 31 00 A 20-27 P Y N0 XXX
Reverse Bayonet Coupling
Contact Type
31 - Solder
41 - Crimp
00 - Front Wall Mount
Connector Class
A - General Duty
Mod Code Option (See Table II)
No Connector Accessory Provided
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Section A)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Contact Arrangements,
Section A)
M
K
L
q
S
q
R
T
R
S
Ø


Similar Part No. - ITS-3100-A-N0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3100-A-N5 GLENAIR-ITS-3100-A-N5 Datasheet
121Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS-3100-A-N0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IPT00G18-11SZC GLENAIR-IPT00G18-11SZC Datasheet
228Kb / 2P
   Front Panel Mount Square Flange Receptacle
IPT00E18-11SZC GLENAIR-IPT00E18-11SZC Datasheet
219Kb / 2P
   Front Panel Mount Square Flange Receptacle
FRITS4102AFS GLENAIR-FRITS4102AFS Datasheet
718Kb / 2P
   Front Panel Mount Square Flange Receptacle
IPT00J18-11SZC GLENAIR-IPT00J18-11SZC Datasheet
225Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3100RSFK GLENAIR-ITS3100RSFK Datasheet
721Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3102YFK GLENAIR-ITS3102YFK Datasheet
317Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3102AFK GLENAIR-ITS3102AFK Datasheet
320Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS-3102-Y GLENAIR-ITS-3102-Y Datasheet
230Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS-500-00 GLENAIR-ITS-500-00 Datasheet
382Kb / 2P
   Front Panel Mount Square Flange Receptacle
FRITS4100RG GLENAIR-FRITS4100RG Datasheet
402Kb / 2P
   Front Panel Mount Square Flange Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com