Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-3100-A-M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-3100-A-M
Description  Front Panel Mount Square Flange Receptacle Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-3100-A-M Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-3100-A-M Datasheet HTML 1Page - Glenair, Inc. ITS-3100-A-M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
ITS 3100 A (M) and ITS 4100 A (M)
Front Panel Mount Square Flange Receptacle Assembly
with Backshell for Use with Metric Cable Glands
ITS 31 00 A 20-27 P Y FM25 XXX
Mod Code Option (See Table II)
Metric Thread Size
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Section A)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Contact Arrangements,
Section A)
Reverse Bayonet Coupling
Contact Type
31 - Solder
41 - Crimp
00 - Front Wall Mount
Connector/Backshell Class
A - Non-Environmental; Supplied
with Backshell Only
qS
T
K
M
ØA
qR
L
Notes:
1. Front panel mount square flange receptacle assembly with backshell for use with metric cable glands.
Through mounting holes.
2. Connector/Backshell Class “A” (non-environmental)—Not supplied with wire sealing grommet;
3. Standard materials configuration consists of aluminum alloy. For platings, see TABLE II finish options.
4. Standard contact material consists of copper alloy with silver plating or gold plating.
5. A broad range of other connector accessories are available.
6. Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts.
7. Metric cable gland not included.
R
S
Ø


Similar Part No. - ITS-3100-A-M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3100-A-BR GLENAIR-ITS-3100-A-BR Datasheet
389Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-N0 GLENAIR-ITS-3100-A-N0 Datasheet
112Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS-3100-A-N5 GLENAIR-ITS-3100-A-N5 Datasheet
121Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-PG GLENAIR-ITS-3100-A-PG Datasheet
159Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-PHM GLENAIR-ITS-3100-A-PHM Datasheet
210Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS-3100-A-M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3100-F GLENAIR-ITS-3100-F Datasheet
178Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-BR GLENAIR-ITS-3100-A-BR Datasheet
389Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS3100AFK GLENAIR-ITS3100AFK Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-N5 GLENAIR-ITS-3100-A-N5 Datasheet
121Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-PHM GLENAIR-ITS-3100-A-PHM Datasheet
210Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS3100FFK GLENAIR-ITS3100FFK Datasheet
841Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-A-ZLF GLENAIR-ITS-3100-A-ZLF Datasheet
291Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS-3100-GR GLENAIR-ITS-3100-GR Datasheet
345Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS3100GRFK GLENAIR-ITS3100GRFK Datasheet
705Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS3100SPFK GLENAIR-ITS3100SPFK Datasheet
726Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com